Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS240D Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCS240D
Description  Radiation Hardened Octal Buffer/Line Driver, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS240D Datasheet(HTML) 1 Page - Intersil Corporation

  HCS240D Datasheet HTML 1Page - Intersil Corporation HCS240D Datasheet HTML 2Page - Intersil Corporation HCS240D Datasheet HTML 3Page - Intersil Corporation HCS240D Datasheet HTML 4Page - Intersil Corporation HCS240D Datasheet HTML 5Page - Intersil Corporation HCS240D Datasheet HTML 6Page - Intersil Corporation HCS240D Datasheet HTML 7Page - Intersil Corporation HCS240D Datasheet HTML 8Page - Intersil Corporation HCS240D Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCS240DMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead SBDIP
HCS240KMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead Ceramic Flatpack
HCS240D/Sample
+25oC
Sample
20 Lead SBDIP
HCS240K/Sample
+25oC
Sample
20 Lead Ceramic Flatpack
HCS240HMSR
+25oC
Die
Die
HCS240MS
Radiation Hardened
Octal Buffer/Line Driver, Three-State
Pinouts
20 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T20, LEAD FINISH C
TOP VIEW
20 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F20, LEAD FINISH C
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
AE
AI1
BO4
AI2
BO3
AI3
AI4
BO2
BO1
GND
VCC
AO1
BI4
AO2
BE
BI3
AO3
BI2
AO4
BI1
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
9
10
12
11
AE
AI1
BO4
AI2
BO3
AI3
AI4
BO2
BO1
GND
VCC
AO1
BI4
AO2
BE
BI3
AO3
BI2
AO4
BI1
Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCS240MS is a Radiation Hardened Inverting
Octal Buffer/Line Driver, Three-State, with two active-low
output enables.
The HCS240MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS240MS is supplied in a 20 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
September 1995
Spec Number
518837
File Number
3562.1


Similar Part No. - HCS240D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS240D RENESAS-HCS240D Datasheet
480Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCS240DMSR RENESAS-HCS240DMSR Datasheet
480Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
More results

Similar Description - HCS240D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS541MS INTERSIL-ACS541MS Datasheet
233Kb / 3P
Radiation Hardened Octal Buffer/ Line Driver Three-State
January 1996
ACTS541MS INTERSIL-ACTS541MS Datasheet
66Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
January 1996
ACTS541T INTERSIL-ACTS541T Datasheet
57Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
July 1999
HCS244MS INTERSIL-HCS244MS Datasheet
173Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCS244T INTERSIL-HCS244T Datasheet
94Kb / 3P
Radiation Hardened Octal Buffer/Line Driver, Three-State
July 1999
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244MS INTERSIL-HCTS244MS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244T INTERSIL-HCTS244T Datasheet
105Kb / 3P
Radiation Hardened Octal Buffer/Line Driver, Three-State
July 1999
5962R9573101VXC INTERSIL-5962R9573101VXC Datasheet
176Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Renesas Technology Corp
HCTS244MS RENESAS-HCTS244MS Datasheet
554Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com