Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8550 Datasheet(PDF) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # SS8550
Description  Complimentary to SS8050
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

SS8550 Datasheet(HTML) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  SS8550 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED SS8550 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page:P2-P2
Plastic-Encapsulate Transistors
Typical
Characteristics
-0.4
-0.8
-1.2
-1.6
-2.0
-0.1
-0.2
-0.3
-0.4
-0.5
IB=-4.0mA
IB=-3.5mA
IB=-3.0mA
IB=-2.5mA
IB=-2.0mA
IB=-1.5mA
IB=-1.0mA
IB=-0.5mA
VCE[V], COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
-100
-1000
1
10
100
1000
VCE = -1V
IC[mA], COLLECTOR CURRENT
-0.1
-1
-10
-100
-1000
-10
-100
-1000
-10000
VCE(sat)
VBE(sat)
IC=10IB
IC[mA], COLLECTOR CURRENT
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.1
-1
-10
-100
VCE = -1V
VBE[V], BASE-EMITTER VOLTAGE
-1
-10
-100
-1000
1
10
100
f=1MHz
IE=0
VCB[V], COLLECTOR-BASE VOLTAGE
-1
-10
-100
-1000
10
100
1000
VCE=-10V
IC[mA], COLLECTOR CURRENT
SS8550
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com