Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK140-2-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK140-2-R
Description  CABLE : NON-UL 28AWG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK140-2-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK140-2-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CENTRONIC EXTENSION CABLE
AK140-2-R


Similar Part No. - AK140-2-R

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AK14 ALTECH-AK14 Datasheet
210Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 14
AK141 ALTECH-AK141 Datasheet
271Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 141
logo
Assmann Electronics Inc...
AK142-3 ASSMANN-AK142-3 Datasheet
250Kb / 1P
MODEM CABLE 3.0 METERS
AK149-3 ASSMANN-AK149-3 Datasheet
122Kb / 1P
ASS 7237 CA
logo
Hammond Manufacturing L...
AK1494FD HAMMOND-AK1494FD Datasheet
133Kb / 2P
Flange Disconnect Operator Adaptor Kits
12/4/22, 8:26 PM
More results

Similar Description - AK140-2-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0888080016 MOLEX10-0888080016 Datasheet
271Kb / 6P
28AWG Cable, Notch every 6
logo
Assmann Electronics Inc...
AU-Y1002-A ASSMANN-AU-Y1002-A Datasheet
239Kb / 1P
CABLE 28AWG, UL2725
AWG28-09-F-1-300-R ASSMANN-AWG28-09-F-1-300-R Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG
AWG28-16-F-1-300 ASSMANN-AWG28-16-F-1-300 Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG
AWG28-16-G-1-300 ASSMANN-AWG28-16-G-1-300 Datasheet
237Kb / 1P
Grey Ribbon Cable, 28AWG
AWG28-25-F-1-300-R ASSMANN-AWG28-25-F-1-300-R Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG,
AWG28-37-F-1-300-R ASSMANN-AWG28-37-F-1-300-R Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG,
AWG28-40-F-1-300-R ASSMANN-AWG28-40-F-1-300-R Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG
AWG28-44-F-1-300-R ASSMANN-AWG28-44-F-1-300-R Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG
AWG28-50-F-1-300 ASSMANN-AWG28-50-F-1-300 Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com