Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK152-2-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK152-2-R
Description  Serial Connection Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK152-2-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK152-2-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.15.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK152-2-R
Serial Connection Cable,
D-Sub 9 Pin Female <=> D-Sub
9 Pin Female, 2 Meters
Complaint
RoHS
rev00
Material:
• Cable: 28AWG(7/0.10)*9C+D.W+AL/MY+JACKET
- OD: 5.0MM
- Color: Beige
• Connectors: DB 9pin Female G/F Shell
- Nickel Solder Type
- Insulation Color: Blue
• Thumbscrew: #4-40UNC Type, Nickel Plated
• Jacket Housing:
- Outer Molded Beige PVC, 40P
- Inner Molded Clear LDPE
Electrical:
• 100% Test, (Open, Short, Miss Wire)
• Hi-Pot: 100V DC/10ms
DB9 Female
DB9 Female
32MM
2,000MM±50MM
Pin Assignment
P1
1
2
3
4
5
6
7
8
9
SHELL
P2
1
2
3
4
5
6
7
8
9
SHELL
Black
Grey
Yellow
Purple
Orange
Red
Brown
Green
Blue
D.W


Similar Part No. - AK152-2-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AK15 LITTELFUSE-AK15 Datasheet
817Kb / 4P
The AK15 series of high power TVS diode is specially designed for meeting severe surge test environment of both AC and DC line protection applications
logo
HuaXinAn Electronics CO...
AK15-015C HUAXINAN-AK15-015C Datasheet
348Kb / 2P
8x20uS 15KA Transient Voltage Suppressors
logo
HUAAN LIMITED
AK15-015C HUAAN-AK15-015C Datasheet
371Kb / 4P
AK15-015C Thru AK15-430C
logo
HuaXinAn Electronics CO...
AK15-020C HUAXINAN-AK15-020C Datasheet
348Kb / 2P
8x20uS 15KA Transient Voltage Suppressors
logo
HUAAN LIMITED
AK15-020C HUAAN-AK15-020C Datasheet
371Kb / 4P
AK15-015C Thru AK15-430C
More results

Similar Description - AK152-2-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK402-5-R ASSMANN-AK402-5-R Datasheet
85Kb / 1P
Serial/Parallel Connection Cable
AK137-2 ASSMANN-AK137-2 Datasheet
79Kb / 1P
Serial / Parallel Connection Cable,
AK153-5-R ASSMANN-AK153-5-R Datasheet
118Kb / 1P
Serial Connection Cable, Molded Hoods
AK154-5-R ASSMANN-AK154-5-R Datasheet
79Kb / 1P
Serial / Parallel Connection Cable
AK162-3-R ASSMANN-AK162-3-R Datasheet
77Kb / 1P
Serial/Parallel connection cable
AK164-10-R ASSMANN-AK164-10-R Datasheet
79Kb / 1P
Serial / Parallel Connection Cable
AK182-3 ASSMANN-AK182-3 Datasheet
68Kb / 1P
Serial Connection Cable
AK508-3-R ASSMANN-AK508-3-R Datasheet
104Kb / 1P
Serial/Parallel Connection Cable
logo
Pepperl+Fuchs Inc.
CBL-IDMX61-B-J1-S-S18-N0 PF-CBL-IDMX61-B-J1-S-S18-N0 Datasheet
338Kb / 1P
Serial connection cable for base station
CBL-IDMX61-B-N0-S-S18-N0 PF-CBL-IDMX61-B-N0-S-S18-N0 Datasheet
443Kb / 1P
Serial connection cable for base station
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com