Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK153-5-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK153-5-R
Description  Serial Connection Cable, Molded Hoods
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK153-5-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK153-5-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.15.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK153-5-R (5 Meters)
Serial Connection Cable, Molded Hoods,
D-Sub 9 Pin Female to D-Sub 9 Pin Female
Complaint
RoHS
rev00


Similar Part No. - AK153-5-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AK15 LITTELFUSE-AK15 Datasheet
817Kb / 4P
The AK15 series of high power TVS diode is specially designed for meeting severe surge test environment of both AC and DC line protection applications
logo
HuaXinAn Electronics CO...
AK15-015C HUAXINAN-AK15-015C Datasheet
348Kb / 2P
8x20uS 15KA Transient Voltage Suppressors
logo
HUAAN LIMITED
AK15-015C HUAAN-AK15-015C Datasheet
371Kb / 4P
AK15-015C Thru AK15-430C
logo
HuaXinAn Electronics CO...
AK15-020C HUAXINAN-AK15-020C Datasheet
348Kb / 2P
8x20uS 15KA Transient Voltage Suppressors
logo
HUAAN LIMITED
AK15-020C HUAAN-AK15-020C Datasheet
371Kb / 4P
AK15-015C Thru AK15-430C
More results

Similar Description - AK153-5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK137-2 ASSMANN-AK137-2 Datasheet
79Kb / 1P
Serial / Parallel Connection Cable,
AK152-2-R ASSMANN-AK152-2-R Datasheet
63Kb / 1P
Serial Connection Cable
AK154-5-R ASSMANN-AK154-5-R Datasheet
79Kb / 1P
Serial / Parallel Connection Cable
AK164-10-R ASSMANN-AK164-10-R Datasheet
79Kb / 1P
Serial / Parallel Connection Cable
AK182-3 ASSMANN-AK182-3 Datasheet
68Kb / 1P
Serial Connection Cable
AK-CHMF-015-R ASSMANN-AK-CHMF-015-R Datasheet
73Kb / 1P
Cinch Connection Cable, Molded Hoods
AK-CHMF-025-R ASSMANN-AK-CHMF-025-R Datasheet
73Kb / 1P
Cinch Connection Cable, Molded Hoods
AK-CHMM-015 ASSMANN-AK-CHMM-015 Datasheet
66Kb / 1P
Cinch Connection Cable, Molded Hoods
AK-CHMM-025 ASSMANN-AK-CHMM-025 Datasheet
66Kb / 1P
Cinch Connection Cable, Molded Hoods
AK-CHMM-R ASSMANN-AK-CHMM-R Datasheet
66Kb / 1P
Cinch Connection Cable, Molded Hoods
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com