Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK154-5-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK154-5-R
Description  Serial / Parallel Connection Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK154-5-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK154-5-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.14.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK154-5-R
Serial / Parallel Connection Cable,
25 Pin Male <=> 25 Pin Male, 5 Meters
Complaint
RoHS
rev00
Material:
• Cable: NOUL 28AWG*25C+D+AL/MY
- OD: 6.5MM
- Color: Beige
• Connectors: DB 25 Pin Soder Type
- Pin G/F
- Shell: Ni-Plated
- Insulator Color: Blue
• Inner Jacket: Clear LD-PE
• Outer Jacket: PVC 40P (Beige)
• Screw: #4-40UNC Type, Nickel Plated
Electrical:
• 100% Open short & mis wire test
• Hi-Pot: 300V DC / 10MS
14
1
25
13
27MM±0.3MM
30MM±0.3MM
5,000MM±50MM
14
1
25
13
2
P
1
P
150MM
130MM±10MM
SEAL
P1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
SHELL
P1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
SHELL
BLACK
BROWN
RED
ORANGE
YELLOW
GREEN
BLUE
PURPLE
GRAY
WHITE
PINK
LIGHT/GREEN
RED/BLACK
ORANGE/BLACK
YELLOW/BLACK
GREEN/BLACK
BLUE/BLACK
PURPLE/BLACK
WHITE/BLACK
RED/WHITE
ORANGE/WHTIE
GREEN/WHITE
BLUE/WHITE
PURPLE/WHITE
BROWN/WHITE
DRAIN
PIN ASSIGNMENT


Similar Part No. - AK154-5-R

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
AK1541 AKM-AK1541_17 Datasheet
944Kb / 37P
20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
AK1542A AKM-AK1542A Datasheet
998Kb / 37P
20 to 600MHz Integer-N Frequency Synthesizer
AK1542A AKM-AK1542A_17 Datasheet
1Mb / 38P
20 to 600MHz Integer-N Frequency Synthesizer
AK1543 AKM-AK1543 Datasheet
840Kb / 35P
1300MHz Delta-Sigma FractionalSigma -N Frequency Synthesizer
More results

Similar Description - AK154-5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK402-5-R ASSMANN-AK402-5-R Datasheet
85Kb / 1P
Serial/Parallel Connection Cable
AK137-2 ASSMANN-AK137-2 Datasheet
79Kb / 1P
Serial / Parallel Connection Cable,
AK152-2-R ASSMANN-AK152-2-R Datasheet
63Kb / 1P
Serial Connection Cable
AK153-5-R ASSMANN-AK153-5-R Datasheet
118Kb / 1P
Serial Connection Cable, Molded Hoods
AK162-3-R ASSMANN-AK162-3-R Datasheet
77Kb / 1P
Serial/Parallel connection cable
AK164-10-R ASSMANN-AK164-10-R Datasheet
79Kb / 1P
Serial / Parallel Connection Cable
AK182-3 ASSMANN-AK182-3 Datasheet
68Kb / 1P
Serial Connection Cable
AK251-3-R ASSMANN-AK251-3-R Datasheet
265Kb / 1P
SERIAL OR PARALLEL "LAPLINK" CABLE
AK508-3-R ASSMANN-AK508-3-R Datasheet
104Kb / 1P
Serial/Parallel Connection Cable
AK136-5-R ASSMANN-AK136-5-R Datasheet
89Kb / 1P
Serial / Parallel Extension Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com