Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK162-3-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK162-3-R
Description  Serial/Parallel connection cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK162-3-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK162-3-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
AK162-3-R
rev00
Chappell
14.11.11
Serial/Parallel connection cable
25 pin male
25 pin male, 3 meters
Free
Scale
X.X
X.XX
X.XXX
DIM
X.°
X.X°
Angle
TOL
±0.40
±0.25
±0.15
±3°
±X°
Material:
• Cable: NOUL 28AWG*25C+D+AL/MY
- OD: 6.5MM
- Color: Beige
• Connectors: DB 25 Pin Soder Type
- Pin G/F
- Shell: Ni-Plated
- Insulator Color: Blue
• Inner Jacket: Clear LD-PE
• Outer Jacket: PVC 40P (Beige)
• Screw: #4-40UNC Type, Nickel Plated
Electrical:
• 100% Open short & mis wire test
• Hi-Pot: 300V DC / 10MS
14
1
25
13
27MM±0.3MM
30MM±0.3MM
3,000MM±50MM
14
1
25
13
2
P
1
P
150MM
130MM±10MM
SEAL
*Pin Assignment 1:1


Similar Part No. - AK162-3-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK162-3 ASSMANN-AK162-3 Datasheet
36Kb / 1P
DB25 MALE DB25 MALE
More results

Similar Description - AK162-3-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK402-5-R ASSMANN-AK402-5-R Datasheet
85Kb / 1P
Serial/Parallel Connection Cable
AK137-2 ASSMANN-AK137-2 Datasheet
79Kb / 1P
Serial / Parallel Connection Cable,
AK152-2-R ASSMANN-AK152-2-R Datasheet
63Kb / 1P
Serial Connection Cable
AK153-5-R ASSMANN-AK153-5-R Datasheet
118Kb / 1P
Serial Connection Cable, Molded Hoods
AK154-5-R ASSMANN-AK154-5-R Datasheet
79Kb / 1P
Serial / Parallel Connection Cable
AK164-10-R ASSMANN-AK164-10-R Datasheet
79Kb / 1P
Serial / Parallel Connection Cable
AK182-3 ASSMANN-AK182-3 Datasheet
68Kb / 1P
Serial Connection Cable
AK251-3-R ASSMANN-AK251-3-R Datasheet
265Kb / 1P
SERIAL OR PARALLEL "LAPLINK" CABLE
AK508-3-R ASSMANN-AK508-3-R Datasheet
104Kb / 1P
Serial/Parallel Connection Cable
AK136-5-R ASSMANN-AK136-5-R Datasheet
89Kb / 1P
Serial / Parallel Extension Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com