Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK376-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK376-R
Description  VGA Moniter Extension Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK376-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK376-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.16.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
VGA Moniter Extension Cable,
HD D-Sub 15 pin Male <=> Male, 3 Meters
Complaint
RoHS
rev00
AK376-R
Material:
1
11
15
5
P1
HD 15 Male
P2
HD 15 Male
3,000MM±30MM
Thumb Screw: #4-40 UNC*4PCS
1
11
15
5
PIN Assignment
P1
1
2
3
4
5
6
7
8
10
11
12
13
14
15
Shell
P2
1
2
3
4
5
6
7
8
10
11
12
13
14
15
Shell
WHITE
GREY
YELLOW
PINK
ORANGE
RED
BROWN
GREEN
BLUE
PURPLE
LIGHT GREEN
LIGHT BLUE
BLACK
WHITE/BLACK
DRAIN


Similar Part No. - AK376-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK376-3-R ASSMANN-AK376-3-R Datasheet
137Kb / 1P
VGA Monitor Connection cable
More results

Similar Description - AK376-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK377-R ASSMANN-AK377-R Datasheet
134Kb / 1P
VGA Moniter Extension Cable
AK532-2 ASSMANN-AK532-2 Datasheet
135Kb / 1P
VGA Moniter Extension Cable
AK532F-18-R ASSMANN-AK532F-18-R Datasheet
97Kb / 1P
VGA Moniter Cable
AK3730-3-R ASSMANN-AK3730-3-R Datasheet
184Kb / 1P
Premium VGA Monitor extension cable
AK3750-10-R ASSMANN-AK3750-10-R Datasheet
183Kb / 1P
Premium VGA Monitor extension cable
AK3760-3-R ASSMANN-AK3760-3-R Datasheet
878Kb / 1P
Premium VGA Moniter connection cable
AK3770-5-R ASSMANN-AK3770-5-R Datasheet
187Kb / 1P
Premium VGA Moniter connection cable
AK3780-10-R ASSMANN-AK3780-10-R Datasheet
187Kb / 1P
Premium VGA Moniter connection cable
AK5320-18-R ASSMANN-AK5320-18-R Datasheet
187Kb / 1P
Premium VGA Moniter connection cable
AK322-2-R ASSMANN-AK322-2-R Datasheet
86Kb / 1P
VGA Moniter Extension Cable - 2 Meters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com