Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F4DIS-EXT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F4DIS-EXT
Description  STM32F4 Discovery kit expansion boards
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F4DIS-EXT Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F4DIS-EXT Datasheet HTML 1Page - STMicroelectronics STM32F4DIS-EXT Datasheet HTML 2Page - STMicroelectronics STM32F4DIS-EXT Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For further information contact your local STMicroelectronics sales office.
November 2013
DocID024042 Rev 2
1/3
STM32F4DIS-EXT
STM32F4 Discovery kit expansion boards
Data brief
Features
 Base board
– Micro SD Card
slot
– 10/100 Ethernet with IEEE 1588v2 (RJ45
connector)
– Connector for camera board
– Connector for LCD board
– Connector with UART, I2C, SPI, CAN,
PWM and GPIOs
 3"5 LCD board
– Driving IC: SSD2119
– Display format: 320 * 240
– Color: 262K colors
– Backlight: PWM control
– Interface: 16-bit 8080 parallel system
interface
– Touch screen: 4-wire resistive touch screen
 Camera board
– Signal system: CMOS 1.3 Megapixel
– Resolution: Up to 1280 * 1024
– Supports still photos
– Frame rate: 15 fps for SXGA, 30 fps for
VGA and CIF.
 Wi-Fi board
– 2.4GHz IEEE 802.11b/g/n
– Support AP/STA Dual mode
– Built-in TCP/IP Stack, HTTP, DHCP, DNS
and Web Server
– Support WPA/WPA2 PSK security
– Wi-Fi SN8200 module: chipset: Broadcom
BCM43362 and STM32
– Host Interface: UART, SPI Interface &
Standalone
– Other Interface: GPIO, ADC, DAC, I2C
– JTAG Interface for Debugging
– Power Options:
- 5V Power Jack
- Mini USB Plug
Description
This set of 4 boards expands the functionality of
the STM32F4 Discovery kit. A base board,
connected to the STM32F4 Discovery provides
Ethernet connectivity, a micro SD Card™ slot and
extension connectors for the LCD and camera
boards, and provides easy access to features
such as UART, SPI, CAN and so on. The Wi-Fi
board connects to the STM32F4 Discovery using
serial host interface (UART or SPI). A digital
camera board featuring a 1.3 Megapixel CMOS
sensor, a 3"5 LCD board with touch screen
capability connected to the base board along with
a Wi-Fi board featuring the SN8200 Wi-Fi module
form a complete system.
For more information, visit
www.element14.com/stm32f4-expansion
www.st.com


Similar Part No. - STM32F4DIS-EXT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F4DISCOVERY STMICROELECTRONICS-STM32F4DISCOVERY Datasheet
137Kb / 3P
STM32F4 high-performance discovery board
15-Sep-2011
logo
List of Unclassifed Man...
STM32F4DISCOVERY ETC2-STM32F4DISCOVERY Datasheet
1,004Kb / 42P
Discovery kit for STM32F407/417 lines
logo
STMicroelectronics
STM32F4DISCOVERY STMICROELECTRONICS-STM32F4DISCOVERY Datasheet
3Mb / 26P
STM32 development boards
More results

Similar Description - STM32F4DIS-EXT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN2001 MOTOROLA-AN2001 Datasheet
1Mb / 20P
Designing Expansion Boards
logo
STMicroelectronics
STM32F4DISCOVERY STMICROELECTRONICS-STM32F4DISCOVERY Datasheet
137Kb / 3P
STM32F4 high-performance discovery board
15-Sep-2011
logo
List of Unclassifed Man...
STM32F469 ETC2-STM32F469 Datasheet
267Kb / 4P
Discovery kit with STM32F469NI MCU
logo
STMicroelectronics
32F723EDISCOVERY STMICROELECTRONICS-32F723EDISCOVERY Datasheet
315Kb / 4P
Discovery kit with STM32F723IE MCU
17-Jan-2017
32F746GDISCOVERY STMICROELECTRONICS-32F746GDISCOVERY Datasheet
332Kb / 4P
Discovery kit with STM32F746NG MCU
29-Jun-2015
32F411EDISCOVERY STMICROELECTRONICS-32F411EDISCOVERY Datasheet
196Kb / 3P
Discovery kit for STM32F411 line
04-Nov-2014
STM32H7B3I-DK STMICROELECTRONICS-STM32H7B3I-DK Datasheet
3Mb / 6P
Discovery kit with STM32H7B3LI MCU
December 2019
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
15-Nov-2012
logo
Advantech Co., Ltd.
UIO40 ADVANTECH-UIO40 Datasheet
637Kb / 2P
UIO40-Express I/O Expansion Boards
28-Jan-2021
UIO40 ADVANTECH-UIO40_V01 Datasheet
815Kb / 2P
UIO40-Express I/O Expansion Boards
20-Jun-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com