Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS273MS Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCS273MS
Description  Radiation Hardened Octal D Flip-Flop
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS273MS Datasheet(HTML) 8 Page - Intersil Corporation

  HCS273MS Datasheet HTML 1Page - Intersil Corporation HCS273MS Datasheet HTML 2Page - Intersil Corporation HCS273MS Datasheet HTML 3Page - Intersil Corporation HCS273MS Datasheet HTML 4Page - Intersil Corporation HCS273MS Datasheet HTML 5Page - Intersil Corporation HCS273MS Datasheet HTML 6Page - Intersil Corporation HCS273MS Datasheet HTML 7Page - Intersil Corporation HCS273MS Datasheet HTML 8Page - Intersil Corporation HCS273MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
343
HCS273MS
AC Timing Diagrams and Load Circuit
FIGURE 1. CLOCK TO OUTPUT DELAYS AND CLOCK PULSE
WIDTH
FIGURE 2. MASTER RESET PULSE WIDTH. MASTER RESET
TO OUTPUT DELAY AND MASTER RESET TO
CLOCK RECOVERY TIME
FIGURE 3. DATA SET-UP AND HOLD TIMES
FIGURE 4. OUTPUT TRANSITION TIME
FIGURE 5. AC LOAD CIRCUIT
90%
10%
10%
CP
Q
VS
VS
TPHL
TW
TF
TPLH
VS
VS
VS
TR
INPUT LEVEL
tPHL
TREM
VS
MR
INPUT LEVEL
VS
VS
TW
VS
Q
CP
TSU(L)
VS
INPUT
VS
VS
VS
D
CP
VS
TH(L)
TSU(H)
LEVEL
TH(H)
VS
OUTPUT
TTHL
80%
20%
80%
20%
VOH
VOL
TTLH
AC VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VIL
0
V
GND
0
V
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Ω
Spec Number
518767



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com