Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK377-5-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK377-5-R
Description  VGA Monitor Connection cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK377-5-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK377-5-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2010 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
AK377-5-R
VGA Monitor Connection cable -
HD D-Sub 15-pin Male <=> Male, 5 Meters
Material:
1
11
15
5
P1
HD 15 Male
P2
HD 15 Male
5,000MM±50MM
Thumb Screw: #4-40 UNC*4PCS
1
11
15
5
PIN Assignment
P1
1
2
3
4
5
6
7
8
10
11
12
13
14
15
Shell
P2
1
2
3
4
5
6
7
8
10
11
12
13
14
15
Shell
WHITE
GREY
YELLOW
PINK
ORANGE
RED
BROWN
GREEN
BLUE
PURPLE
LIGHT GREEN
LIGHT BLUE
BLACK
WHITE/BLACK
DRAIN


Similar Part No. - AK377-5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK377-R ASSMANN-AK377-R Datasheet
134Kb / 1P
VGA Moniter Extension Cable
More results

Similar Description - AK377-5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK376-3-R ASSMANN-AK376-3-R Datasheet
137Kb / 1P
VGA Monitor Connection cable
AK3730-3-R ASSMANN-AK3730-3-R Datasheet
184Kb / 1P
Premium VGA Monitor extension cable
AK3750-10-R ASSMANN-AK3750-10-R Datasheet
183Kb / 1P
Premium VGA Monitor extension cable
AK3760-R ASSMANN-AK3760-R Datasheet
279Kb / 1P
PREMIUM VGA MONITOR CONNECTION CABLE
AK3770-R ASSMANN-AK3770-R Datasheet
279Kb / 1P
PREMIUM VGA MONITOR CONNECTION CABLE
AK-310103-030-E ASSMANN-AK-310103-030-E Datasheet
221Kb / 1P
VGA Monitor connection cable, HD15
AK-310103-050-E ASSMANN-AK-310103-050-E Datasheet
221Kb / 2P
VGA Monitor connection cable, HD15
AK-310103-100-E ASSMANN-AK-310103-100-E Datasheet
221Kb / 2P
VGA Monitor connection cable, HD15
AK-310103-150-E ASSMANN-AK-310103-150-E Datasheet
221Kb / 2P
VGA Monitor connection cable, HD15
AK-310103-200-E ASSMANN-AK-310103-200-E Datasheet
221Kb / 2P
VGA Monitor connection cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com