Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK508-3-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK508-3-R
Description  Serial/Parallel Connection Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK508-3-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK508-3-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.11.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK508-3-R (3.0 Meters)
Serial/Parallel Connection Cable
For 25 Pin Interface
Complaint
RoHS
rev00
Material:
• Cable: #28 25C+1+AL/MY O.D:7.0
• Both connectors with normal type
• Screw(Metal):#4-40UNC Type
• Assembly(Snap Hood) Type
Notes:
• Total Length: 3M±5CM
• Color: Beige
• Assembly Type


Similar Part No. - AK508-3-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK500-JC-5-1 ASSMANN-AK500-JC-5-1 Datasheet
133Kb / 1P
Power cord - IEC Extension
AK500-JC-6-1 ASSMANN-AK500-JC-6-1 Datasheet
121Kb / 1P
Power cord - IEC Extension
AK500-LA-5-2-R ASSMANN-AK500-LA-5-2-R Datasheet
254Kb / 1P
ASS 7099 CA
AK500-OE-11-1-R ASSMANN-AK500-OE-11-1-R Datasheet
122Kb / 1P
Power cord - IEC Extension
AK500-OE-11-15 ASSMANN-AK500-OE-11-15 Datasheet
136Kb / 1P
Power Cord IEC Extension - SVT
More results

Similar Description - AK508-3-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK402-5-R ASSMANN-AK402-5-R Datasheet
85Kb / 1P
Serial/Parallel Connection Cable
AK137-2 ASSMANN-AK137-2 Datasheet
79Kb / 1P
Serial / Parallel Connection Cable,
AK152-2-R ASSMANN-AK152-2-R Datasheet
63Kb / 1P
Serial Connection Cable
AK153-5-R ASSMANN-AK153-5-R Datasheet
118Kb / 1P
Serial Connection Cable, Molded Hoods
AK154-5-R ASSMANN-AK154-5-R Datasheet
79Kb / 1P
Serial / Parallel Connection Cable
AK162-3-R ASSMANN-AK162-3-R Datasheet
77Kb / 1P
Serial/Parallel connection cable
AK164-10-R ASSMANN-AK164-10-R Datasheet
79Kb / 1P
Serial / Parallel Connection Cable
AK182-3 ASSMANN-AK182-3 Datasheet
68Kb / 1P
Serial Connection Cable
AK251-3-R ASSMANN-AK251-3-R Datasheet
265Kb / 1P
SERIAL OR PARALLEL "LAPLINK" CABLE
AK136-5-R ASSMANN-AK136-5-R Datasheet
89Kb / 1P
Serial / Parallel Extension Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com