Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK3750-10-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK3750-10-R
Description  Premium VGA Monitor extension cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK3750-10-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK3750-10-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2010 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
AK3750-10-R
Premium VGA Monitor extension cable -
HD D-Sub 15-pin Male <=> Female, 10 Meters
Material:
1
6
11
15
10
5
P1
HDB 15 Male
Plastic: Blue
1
6
11
15
10
5
P2
HDB 15 Female
Plastic: Blue
10,000MM±30MM
Thumb Screw: #4-40*4
P1
1
6
2
7
3
8
4
5
P2
1
6
2
7
3
8
4
5
RED
GREEN
BLUE
BROWN
BLACK
PIN OUT
P1
13
14
P2
13
14
ORANGE
WHITE
BRAID
SHELL
CENTER
SHIELDING
SHELL


Similar Part No. - AK3750-10-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK3750X-R ASSMANN-AK3750X-R Datasheet
187Kb / 1P
HD D-Sub 15 pin Male <=> Female, 10 Meters
AK3750XF-R ASSMANN-AK3750XF-R Datasheet
205Kb / 1P
Premium XGA Monitor Extension Cable - 10 Meters
More results

Similar Description - AK3750-10-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK376-R ASSMANN-AK376-R Datasheet
135Kb / 1P
VGA Moniter Extension Cable
AK377-R ASSMANN-AK377-R Datasheet
134Kb / 1P
VGA Moniter Extension Cable
AK532-2 ASSMANN-AK532-2 Datasheet
135Kb / 1P
VGA Moniter Extension Cable
AK3730-3-R ASSMANN-AK3730-3-R Datasheet
184Kb / 1P
Premium VGA Monitor extension cable
AK3760-R ASSMANN-AK3760-R Datasheet
279Kb / 1P
PREMIUM VGA MONITOR CONNECTION CABLE
AK3770-R ASSMANN-AK3770-R Datasheet
279Kb / 1P
PREMIUM VGA MONITOR CONNECTION CABLE
AK373-3-R ASSMANN-AK373-3-R Datasheet
66Kb / 1P
VGA Monitor Extension Cable - 3 Meters
AK3750XF-R ASSMANN-AK3750XF-R Datasheet
205Kb / 1P
Premium XGA Monitor Extension Cable - 10 Meters
AK3920XF-R ASSMANN-AK3920XF-R Datasheet
207Kb / 1P
Premium XGA Monitor Extension Cable
logo
Tripp Lite. All Rights ...
P510-006 TRIPPLITE-P510-006 Datasheet
161Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F), 6-ft.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com