Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK3760-3-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK3760-3-R
Description  Premium VGA Moniter connection cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK3760-3-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK3760-3-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Miller
Groll
Drawn
10/26/12
Approved
10/26/12
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK3760-3-R
Compliant
RoHS
rev00
Material:
1
6
11
15
10
5
P1
HDB 15 Male
Plastic: Blue
P2
HDB 15 Male
Plastic: Blue
3,000MM±30MM
Thumb Screw: #4-40*4
1
6
11
15
10
5
P1
1
6
2
7
3
8
4
5
P2
1
6
2
7
3
8
4
5
RED
GRAY
BLUE
BROWN
BLACK
PIN OUT
P1
13
14
P2
13
14
ORANGE
WHITE
BRAID
SHELL
CENTER
SHIELDING
SHELL
Premium VGA Moniter connection cable -
HD D-Sub 15 pin Male <=> Male, 3 Meters


Similar Part No. - AK3760-3-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK3760-R ASSMANN-AK3760-R Datasheet
279Kb / 1P
PREMIUM VGA MONITOR CONNECTION CABLE
More results

Similar Description - AK3760-3-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK532F-18-R ASSMANN-AK532F-18-R Datasheet
97Kb / 1P
VGA Moniter Cable
AK3760-R ASSMANN-AK3760-R Datasheet
279Kb / 1P
PREMIUM VGA MONITOR CONNECTION CABLE
AK3760X-R ASSMANN-AK3760X-R Datasheet
226Kb / 1P
Premium XGA Moniter Connection Cable
AK3770-5-R ASSMANN-AK3770-5-R Datasheet
187Kb / 1P
Premium VGA Moniter connection cable
AK3770-R ASSMANN-AK3770-R Datasheet
279Kb / 1P
PREMIUM VGA MONITOR CONNECTION CABLE
AK3770X-R ASSMANN-AK3770X-R Datasheet
226Kb / 1P
Premium XGA Moniter Connection Cable
AK3780-10-R ASSMANN-AK3780-10-R Datasheet
187Kb / 1P
Premium VGA Moniter connection cable
AK3780X-R ASSMANN-AK3780X-R Datasheet
226Kb / 1P
Premium XGA Moniter Connection Cable
AK5320-18-R ASSMANN-AK5320-18-R Datasheet
187Kb / 1P
Premium VGA Moniter connection cable
AK5320X-R ASSMANN-AK5320X-R Datasheet
226Kb / 1P
Premium XGA Moniter Connection Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com