Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK3770X-5-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK3770X-5-R
Description  Premium XGA Monitor Connection cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK3770X-5-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK3770X-5-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2010 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
AK3770X-5-R
Premium XGA Monitor Connection cable -
HD D-Sub 15-pin Male <=> Male, 5 Meters
Material:
1
6
11
15
10
5
P1
HDB 15 Male
Plastic: Blue
P2
HDB 15 Male
Plastic: Blue
5,000MM±30MM
Thumb Screw: #4-40*4
1
6
11
15
10
5
P1
1
6
2
7
3
8
4
5
P2
1
6
2
7
3
8
4
5
RED
GRAY
BLUE
BROWN
BLACK
PIN OUT
P1
10
11
12
13
14
P2
10
11
12
13
14
ORANGE
WHITE
YELLOW
GREEN
RED
BRAID
SHELL
CENTER
SHIELDING
SHELL


Similar Part No. - AK3770X-5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK3770X-R ASSMANN-AK3770X-R Datasheet
226Kb / 1P
Premium XGA Moniter Connection Cable
More results

Similar Description - AK3770X-5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK3760-R ASSMANN-AK3760-R Datasheet
279Kb / 1P
PREMIUM VGA MONITOR CONNECTION CABLE
AK3760X-3-R ASSMANN-AK3760X-3-R Datasheet
186Kb / 1P
Premium XGA Monitor Connection cablE
AK3760X-R ASSMANN-AK3760X-R Datasheet
226Kb / 1P
Premium XGA Moniter Connection Cable
AK3770X-R ASSMANN-AK3770X-R Datasheet
226Kb / 1P
Premium XGA Moniter Connection Cable
AK3780X-10-R ASSMANN-AK3780X-10-R Datasheet
186Kb / 1P
Premium XGA Monitor Connection cable
AK3780X-R ASSMANN-AK3780X-R Datasheet
226Kb / 1P
Premium XGA Moniter Connection Cable
AK5320X-18-R ASSMANN-AK5320X-18-R Datasheet
186Kb / 1P
Premium XGA Monitor Connection cable
AK5320X-R ASSMANN-AK5320X-R Datasheet
226Kb / 1P
Premium XGA Moniter Connection Cable
AK3750XF-R ASSMANN-AK3750XF-R Datasheet
205Kb / 1P
Premium XGA Monitor Extension Cable - 10 Meters
AK3920XF-R ASSMANN-AK3920XF-R Datasheet
207Kb / 1P
Premium XGA Monitor Extension Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com