Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS253K Datasheet(PDF) 10 Page - Intersil Corporation

Part # HCS253K
Description  Radiation Hardened Dual 4-Input Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS253K Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HCS253K Datasheet HTML 2Page - Intersil Corporation HCS253K Datasheet HTML 3Page - Intersil Corporation HCS253K Datasheet HTML 4Page - Intersil Corporation HCS253K Datasheet HTML 5Page - Intersil Corporation HCS253K Datasheet HTML 6Page - Intersil Corporation HCS253K Datasheet HTML 7Page - Intersil Corporation HCS253K Datasheet HTML 8Page - Intersil Corporation HCS253K Datasheet HTML 9Page - Intersil Corporation HCS253K Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
HCS253MS
Die Characteristics
DIE DIMENSIONS:
84 x 84 mils
METALLIZATION:
Type: AlSi
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 mils x 4 mils
Metallization Mask Layout
HCS253MS
I3 1 (3)
I2 1 (4)
I1 1 (5)
I0 1 (6)
(14) S0
(13) 2 I3
(12) 2 I2
(11) 2 I1
(10) 2 I0
Spec Number
518765



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com