Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK5320X-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK5320X-R
Description  Premium XGA Moniter Connection Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK5320X-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK5320X-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.16.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
Premium XGA Moniter Connection Cable,
HD D-Sub 15 pin Male to HD D-Sub 15 pin Male
Complaint
RoHS
rev00
See“Item No.”
See“Item No.”
AK5320X-R (1.8 M) AK3770X-R (5.0 M)
AK3760X-R (3.0 M) AK3780X-R (10.0 M)


Similar Part No. - AK5320X-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK5320X-18-R ASSMANN-AK5320X-18-R Datasheet
186Kb / 1P
Premium XGA Monitor Connection cable
More results

Similar Description - AK5320X-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK3760-3-R ASSMANN-AK3760-3-R Datasheet
878Kb / 1P
Premium VGA Moniter connection cable
AK3760X-R ASSMANN-AK3760X-R Datasheet
226Kb / 1P
Premium XGA Moniter Connection Cable
AK3770-5-R ASSMANN-AK3770-5-R Datasheet
187Kb / 1P
Premium VGA Moniter connection cable
AK3770X-5-R ASSMANN-AK3770X-5-R Datasheet
186Kb / 1P
Premium XGA Monitor Connection cable
AK3770X-R ASSMANN-AK3770X-R Datasheet
226Kb / 1P
Premium XGA Moniter Connection Cable
AK3780-10-R ASSMANN-AK3780-10-R Datasheet
187Kb / 1P
Premium VGA Moniter connection cable
AK3780X-10-R ASSMANN-AK3780X-10-R Datasheet
186Kb / 1P
Premium XGA Monitor Connection cable
AK3780X-R ASSMANN-AK3780X-R Datasheet
226Kb / 1P
Premium XGA Moniter Connection Cable
AK5320-18-R ASSMANN-AK5320-18-R Datasheet
187Kb / 1P
Premium VGA Moniter connection cable
AK5320X-18-R ASSMANN-AK5320X-18-R Datasheet
186Kb / 1P
Premium XGA Monitor Connection cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com