Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS27K Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCS27K
Description  Radiation Hardened Triple 3-Input NOR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS27K Datasheet(HTML) 1 Page - Intersil Corporation

  HCS27K Datasheet HTML 1Page - Intersil Corporation HCS27K Datasheet HTML 2Page - Intersil Corporation HCS27K Datasheet HTML 3Page - Intersil Corporation HCS27K Datasheet HTML 4Page - Intersil Corporation HCS27K Datasheet HTML 5Page - Intersil Corporation HCS27K Datasheet HTML 6Page - Intersil Corporation HCS27K Datasheet HTML 7Page - Intersil Corporation HCS27K Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
63
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
HCS27MS
Radiation Hardened
Triple 3-Input NOR Gate
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T14, LEAD FINISH C
TOP VIEW
14 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
(FLATPACK) MIL-STD-1835 CDFP3-F14, LEAD FINISH C
TOP VIEW
Functional Diagram
TRUTH TABLE
INPUTS
OUTPUTS
An
Bn
Cn
Yn
LLL
H
LL
H
L
LHL
L
LH
H
L
HL
L
L
HLH
L
HH
L
L
HHH
L
NOTE: L = Logic Level Low, H = Logic level High
A1
B1
A2
B2
C2
Y2
GND
VCC
C1
Y1
C3
B3
A3
Y3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
B1
A2
B2
C2
Y2
GND
VCC
C1
Y1
C3
B3
A3
Y3
An
Bn
Yn
Cn
(1, 3, 9)
(2, 4, 10)
(13, 5, 11)
(12, 6, 8)
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day
(Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCS27MS is a Radiation Hardened Triple 3-Input
NOR Gate. A Low on all inputs forces the output to a High state.
The HCS27MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS27MS is supplied in a 14 lead Ceramic flatpack (K suffix)
or a SBDIP Package (D suffix).
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
SCREENING
LEVEL
PACKAGE
HCS27DMSR
-55oC to +125oC
Intersil Class
S Equivalent
14 Lead SBDIP
HCS27KMSR
-55oC to +125oC
Intersil Class
S Equivalent
14 Lead Ceramic
Flatpack
HCS27D/
Sample
+25oC
Sample
14 Lead SBDIP
HCS27K/
Sample
+25oC
Sample
14 Lead Ceramic
Flatpack
HCS27HMSR
+25oC
Die
Die
September 1995
Spec Number
518766
File Number
3054.1


Similar Part No. - HCS27K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS273D INTERSIL-HCS273D Datasheet
139Kb / 9P
Radiation Hardened Octal D Flip-Flop
September 1995
logo
Renesas Technology Corp
HCS273D RENESAS-HCS273D Datasheet
466Kb / 9P
Radiation Hardened Octal D Flip-Flop
September 1995
logo
Intersil Corporation
HCS273DMSR INTERSIL-HCS273DMSR Datasheet
139Kb / 9P
Radiation Hardened Octal D Flip-Flop
September 1995
logo
Renesas Technology Corp
HCS273DMSR RENESAS-HCS273DMSR Datasheet
466Kb / 9P
Radiation Hardened Octal D Flip-Flop
September 1995
logo
Intersil Corporation
HCS273HMSR INTERSIL-HCS273HMSR Datasheet
139Kb / 9P
Radiation Hardened Octal D Flip-Flop
September 1995
More results

Similar Description - HCS27K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS11MS INTERSIL-ACS11MS Datasheet
50Kb / 2P
Radiation Hardened Triple 3-Input AND Gate
November 1998
ACS27MS INTERSIL-ACS27MS Datasheet
38Kb / 2P
Radiation Hardened Triple 3-Input NOR Gate
July 1999
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCS11MS INTERSIL-HCS11MS Datasheet
160Kb / 6P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HCTS10MS INTERSIL-HCTS10MS Datasheet
147Kb / 9P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCTS11MS INTERSIL-HCTS11MS Datasheet
121Kb / 7P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HCTS27MS INTERSIL-HCTS27MS Datasheet
54Kb / 9P
Radiation Hardened Triple 3-Input NOR Gate
September 1995
logo
Renesas Technology Corp
HCS10MS RENESAS-HCS10MS Datasheet
389Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCS11MS RENESAS-HCS11MS Datasheet
310Kb / 7P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HCS27MS RENESAS-HCS27MS Datasheet
386Kb / 8P
Radiation Hardened Triple 3-Input NOR Gate
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com