Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS374MS Datasheet(PDF) 9 Page - Intersil Corporation

Part # HCS374MS
Description  Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS374MS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HCS374MS Datasheet HTML 2Page - Intersil Corporation HCS374MS Datasheet HTML 3Page - Intersil Corporation HCS374MS Datasheet HTML 4Page - Intersil Corporation HCS374MS Datasheet HTML 5Page - Intersil Corporation HCS374MS Datasheet HTML 6Page - Intersil Corporation HCS374MS Datasheet HTML 7Page - Intersil Corporation HCS374MS Datasheet HTML 8Page - Intersil Corporation HCS374MS Datasheet HTML 9Page - Intersil Corporation HCS374MS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
366
HCS374MS
Three-State Low Timing Diagrams
THREE-STATE LOW VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VT
2.25
V
VW
0.90
V
GND
0
V
VIL
0
V
VS
INPUT
OUTPUT
VIH
VIL
VOZ
VOL
TPZL
TPLZ
VT
VW
Three-State Low Load Circuit
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Ω
VCC
Three-State High Timing Diagrams
THREE-STATE HIGH VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VT
2.25
V
VW
3.60
V
GND
0
V
VIL
0
V
VS
INPUT
OUTPUT
VIH
VIL
VOH
VOZ
TPHZ
TPZH
VW
VT
Three-State High Load Circuit
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Ω
Spec Number
518770



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com