Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS573DMSR Datasheet(PDF) 10 Page - Intersil Corporation

Part # HCS573DMSR
Description  Radiation Hardened Octal Transparent Latch, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS573DMSR Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HCS573DMSR Datasheet HTML 2Page - Intersil Corporation HCS573DMSR Datasheet HTML 3Page - Intersil Corporation HCS573DMSR Datasheet HTML 4Page - Intersil Corporation HCS573DMSR Datasheet HTML 5Page - Intersil Corporation HCS573DMSR Datasheet HTML 6Page - Intersil Corporation HCS573DMSR Datasheet HTML 7Page - Intersil Corporation HCS573DMSR Datasheet HTML 8Page - Intersil Corporation HCS573DMSR Datasheet HTML 9Page - Intersil Corporation HCS573DMSR Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
333
HCS573MS
Die Characteristics
DIE DIMENSIONS:
101 x 85 mils
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 x 4 mils
Metallization Mask Layout
HCS573MS
OE
(1)
D0
(2)
VCC
(20)
Q0
(19)
D1 (3)
D3 (5)
D4 (6)
D5 (7)
(9)
(10)
D7
GND
(11)
LE
(12)
Q7
D2 (4)
D6 (8)
(18) Q1
(17) Q2
(16) Q3
(15) Q4
(14) Q5
(13) Q6
Spec Number
518771



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com