Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB792 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB792
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB792 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB792_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB792_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB792
■
Typical Characterisitics
0
6
1
0
40
120
80
140
20
100
60
0
240
200
160
120
80
40
Ambient temperature Ta (˚C)
2
1
–
0
–10
–8
–2
–6
–4
0
–100
–80
–60
–40
–20
–90
–70
–50
–30
–10
Ta=25˚C
–2mA
–1mA
–3mA
–4mA
–5mA
–6mA
–7mA
–8mA
–9mA
IB=–10mA
Collector to emitter voltage VCE (V)
0
.
2
–
0
–1.6
– 0.4
–1.2
– 0.8
0
–120
–100
–80
–60
–40
–20
VCE=–5V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage VBE (V)
– 0.1
–1
–10
–100
– 0.3
–3
–30
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
IC/IB=10
Ta=75˚C
25˚C
–25˚C
Collector current IC (mA)
–0.1
–1
–10
–100
–0.3
–3
–30
0
600
500
400
300
200
100
VCE=–5V
Ta=75˚C
25˚C
–25˚C
Collector current IC (mA)
0.1
1
10
100
0.3
3
30
0
250
200
150
100
50
225
175
125
75
25
VCB=–10V
Ta=25˚C
Emitter current IE (mA)
–1
–3
–10
–30
–100
0
10
8
6
4
2
9
7
5
3
1
IE=0
f=1MHz
Ta=25˚C
Collector to base voltage VCB (V)
PC
I
a
T
—
C — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com