Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1875-F Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1875-F
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1875-F Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1875-F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1875-F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1875-F Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
PNP Transistors
2SA1875
■
Typical Characterisitics
A S O
Collector-to-Emitter Voltage, VCE -- V
100
5
2
3
3
1000
5
2
3
7
7
5
7
10
10
2
5
5
7
3
3
7 100
2
3
ICP=600mA
DC
operation
Ta=25
C P
C =0.8W
IC=300mA
Tc=25。C
Single pulse
For PNP, minus sign is omitted
3
2
2
3
7
3
2
5
5
7
--1.0
--10
--100
5
7
fT -- IC
Collector Current, IC -- mA
2SA1875
VCE= --10V
10
100
1000
2
2
7
5
3
7
5
3
2
。
No
heat
sink
Ambient Temperature, Ta -- C
0
1.0
0.8
0.6
0.4
0.2
20
0
6
0
40
80
100
140
120
160
PC -- Ta
。
Case Temperature, Tc --
。C
0
14
12
10
6
8
4
2
20
0
6
0
40
80
100
140
120
160
PC -- Tc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com