Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1275-P Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1275-P
Description  PNP Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1275-P Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1275-P Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1275-P Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1275-P Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SB1275-P Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1275
■
Typical Characterisitics
Fig.1 Ground Emitter Propagation Characteristics
BASE TO EMITTER VOLTAGE : VBE [V]
Fig.2 Typical Output Characteristics
COLECTOR TO EMITTE VOLTAGE : VCE [V]
Fig.3 DC Current Gain vs. Collector Current(I)
COLLECTOR CURRENT : IC [A]
Fig.4 DC current gain vs. output current (II)
COLLECTOR CURRENT : IC [A]
-1
-10
-100
-1000
-10000
-0
-0.5
-1
-1.5
VCE= -5V
Pulsed
Ta=100ºC
25ºC
-
25ºC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com