Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2383-Y Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2383-Y
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2383-Y Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2383-Y Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2383-Y Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SC2383
Typical Characterisitics
40
80
120
160
200
20
40
60
80
100
0.1
1
10
100
1000
0
200
400
600
800
1000
0
25
50
75
100
125
150
0
100
200
300
400
500
600
0.1
1
10
100
1000
10
100
1000
0.1
1
10
100
1000
1
10
100
1000
0
1
1
1
.
0
1
10
100
1000
0
200
400
600
800
1000
1200
0.1
1
10
100
1000
0
1
2
3
4
5
6
7
0
50
100
150
200
250
300
20
I
C
f
T
——
COMMON EMITTER
V
CE=5V
T
a=25
COLLECTOR CURRENT I
C
(mA)
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
T
a=25
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
T
a=100
T
a=25
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
I
C
h
FE
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= 5V
3000
30
f=1MHz
I
E=0/IC=0
T
a=25
V
CB/VEB
C
ob/Cib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
BASE-EMMITER VOLTAGE V
BE (mV)
I
C
—— V
BE
COMMON EMITTER
V
CE=5V
Static Characteristic
COMMON
EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
1mA
0.9mA
0.8mA
0.7mA
0.6mA
0.5mA
0.2mA
0.3mA
0.4mA
I
B=0.1mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com