Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS74D Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCS74D
Description  Radiation Hardened Dual-D Flip-Flop with Set and Reset
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS74D Datasheet(HTML) 4 Page - Intersil Corporation

  HCS74D Datasheet HTML 1Page - Intersil Corporation HCS74D Datasheet HTML 2Page - Intersil Corporation HCS74D Datasheet HTML 3Page - Intersil Corporation HCS74D Datasheet HTML 4Page - Intersil Corporation HCS74D Datasheet HTML 5Page - Intersil Corporation HCS74D Datasheet HTML 6Page - Intersil Corporation HCS74D Datasheet HTML 7Page - Intersil Corporation HCS74D Datasheet HTML 8Page - Intersil Corporation HCS74D Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
86
Specifications HCS74MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CP to Q, Q
TPHL
VCC = 4.5V
9
+25oC
2
27
ns
10, 11
+125oC, -55oC
2
32
ns
TPLH
VCC = 4.5V
9
+25oC
2
26
ns
10, 11
+125oC, -55oC
2
31
ns
S to Q
TPLH
VCC = 4.5V
9
+25oC
2
26
ns
10, 11
+125oC, -55oC
2
31
ns
S to Q
TPHL
VCC = 4.5V
9
+25oC
2
27
ns
10, 11
+125oC, -55oC
2
32
ns
R to Q
TPHL
VCC = 4.5V
9
+25oC
2
24
ns
10, 11
+125oC, -55oC
2
29
ns
R to Q
TPLH
VCC = 4.5V
9
+25oC
2
25
ns
10, 11
+125oC, -55oC
2
30
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
53
pF
1
+125oC, -55oC
-
55
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1
+25oC
-
10
pF
1
+125oC, -55oC
-
10
pF
Output Transition
Time
TTHL
TTLH
VCC = 4.5V
1
+25oC
-
15
ns
1
+125oC, -55oC
-
22
ns
Max Operating
Frequency
FMAX
VCC = 4.5V
1
+25oC
30
-
MHz
1
+125oC, -55oC
20
-
MHz
Data to CP Set-up
Time
TSU
VCC = 4.5V
1
+25oC11
-
ns
1
+125oC, -55oC12
-
ns
Hold Time
TH
VCC = 4.5V
1
+25oC3
-
ns
1
+125oC, -55oC3
-
ns
Removal Time
R, S to CP
TREM
VCC = 4.5V
1
+25oC5
-
ns
1
+125oC, -55oC6
-
ns
Pulse Width R, S
TW
VCC = 4.5V
1
+25oC14
-
ns
1
+125oC, -55oC16
-
ns
Pulse Width CP
TW
VCC = 4.5V
1
+25oC14
-
ns
1
+125oC, -55oC16
-
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
Spec Number
518772



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com