Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPECT10 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPECT10
Description  Miniature 10Base-T Interface Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPECT10 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPECT10 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Miniature 10Base-T Interface Module
with Enhanced CMA
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Enhanced Common Mode Attenuation
• Complies with or exceed IEEE802.3, 10Base-T Requirements
• Robust design allows to withstand SMD soldering profiles
• Add “-RC” after part number for RoHS Compliant
ECT10 & ECT10-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSECT10 & -RC
Rev. C2
6/26/06
JGD
Package
.050
(1.27)
.016/.022
(.406/.559)
.325
(8.25)
.010/.015
(.254/.381)
.420
(10.67)
0°-8°
.060/.065
(1.52/1.65)
.008/.012
(.203/.305)
PCA
ECT10(-RC)
Date Code
.500
(12.70)
.250
(6.35)
.075
(1.90)
.350
(8.89)
Solder Pad
Layout
.460
(11.68)
.050
(1.27)
.030
(.762)
.075
(1.90)
Pin 1
I.D.
Schematic
Transmit Channel
Receive Channel
14
15
16
3
1
LPF
2
1:1
100
Ω
100
Ω
9
10
11
8
6
LPF
7
1:1
100
Ω
100
Ω
• (1) Referenced to the Output Level Fundamental Frequency @ 5 MHz •
Insertion Loss (1)
(dB Max.)
1-10 MHz
@ 20 MHz
@ 25 MHz
@ 30 MHz
-1.5
Xmit
-7
Xmit
-19
Xmit
-32
Xmit
Rcv
-1.5
Rcv
-20
Rcv
-6
Rcv
-14
Rcv
-31
17
Xmit
17
Rcv
@ 40 MHz
-35
Xmit
Attenuation
(dB Min.)
Cut-off Frequency
(MHz)
± 1.0 MHz
Notes :
1. Lead Finish
2. Peak Temperature Rating
3. Moisture Sensitive Levels
4. Weight
5. Packaging Information
(*Add “TR” to end of part number, but
in front of “-RC”when placing order)
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
ECT10-RC
Hot Tin Dip (Sn) †
245°C
0.84 grams
39 pieces/tube
600 pieces/13” reel
(*ECT10TR-RC)
ECT10
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
0.84 grams
39 pieces/tube
600 pieces/13” reel
(*ECT10TR)
SnPb
† Hot tin dipped over Matte Tin with Ni Barrier


Similar Part No. - EPECT10

ManufacturerPart #DatasheetDescription
logo
ETA-USA
EPE-05SC28-A ETA-USA-EPE-05SC28-A Datasheet
239Kb / 3P
50, 75, 100, 150, 175 WATT
EPE-05SC48-A ETA-USA-EPE-05SC48-A Datasheet
165Kb / 3P
30, 50, 75,100,150, 200 WATT
EPE-12SC48-A ETA-USA-EPE-12SC48-A Datasheet
123Kb / 3P
30, 50, 75,100,150, 200,240 WATT
EPE-28SC28-A ETA-USA-EPE-28SC28-A Datasheet
123Kb / 3P
150 WATT DC-DC Converters
EPE-3.3SC28-A ETA-USA-EPE-3.3SC28-A Datasheet
132Kb / 3P
33, 49.5, 66, 99, 132 DC-DC Converters EP SERIES 18~36Vdc Input
More results

Similar Description - EPECT10

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2214B PCA-EPA2214B Datasheet
27Kb / 1P
10Base-T Interface Module
EPE6079 PCA-EPE6079 Datasheet
189Kb / 1P
10Base-T Interface Module
EPE6334G PCA-EPE6334G Datasheet
153Kb / 1P
10Base-T Interface Module
EPE6372S PCA-EPE6372S Datasheet
26Kb / 1P
10Base-T Interface Module
EPE6376S PCA-EPE6376S_09 Datasheet
70Kb / 1P
10Base-T Interface Module
EPE6381 PCA-EPE6381_09 Datasheet
62Kb / 1P
10Base-T Interface Module
EPE6313S PCA-EPE6313S Datasheet
70Kb / 1P
Miniature 10Base-T Interface Module
EPE6010S PCA-EPE6010S Datasheet
60Kb / 1P
10Base-T Interface Module
EPE6313S PCA-EPE6313S_15 Datasheet
70Kb / 1P
Miniature 10Base-T Interface Module
EPE6313SE PCA-EPE6313SE_15 Datasheet
70Kb / 1P
Miniature 10Base-T Interface Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com