Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK136-5-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK136-5-R
Description  Serial / Parallel Extension Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK136-5-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK136-5-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.14.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK135-2-R (2M) AK136-5-R (5M)
AK166-3-R (3M) AK168-10-R (10M)
Serial / Parallel Extension Cable,
D-Sub 25 Pin Male to D-Sub 25 Pin Female
Compliant
RoHS
rev00
Material:
• Cable: #28, 25C+1+AL/MY O.D:6.5
• Connector:DB25M, Blue
DB25F, Blue
• Thumbscrew: #4-40UNC
Note:
• Total Length: See “Item No.”
• Color: Beige
• Molded Type
See “Item No.”


Similar Part No. - AK136-5-R

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK130 AKM-AK130 Datasheet
453Kb / 14P
TCM Integrated Transceiver
AK130 AKM-AK130 Datasheet
840Kb / 14P
TCM Integrated Transceiver
AK130-VS AKM-AK130-VS Datasheet
453Kb / 14P
TCM Integrated Transceiver
logo
Power-One
AK1301-7R POWER-ONE-AK1301-7R Datasheet
173Kb / 4P
150 Watt DC-DC Converters
logo
Asahi Kasei Microsystem...
AK131 AKM-AK131 Datasheet
453Kb / 14P
TCM Integrated Transceiver
More results

Similar Description - AK136-5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK402-5-R ASSMANN-AK402-5-R Datasheet
85Kb / 1P
Serial/Parallel Connection Cable
AK137-2 ASSMANN-AK137-2 Datasheet
79Kb / 1P
Serial / Parallel Connection Cable,
AK154-5-R ASSMANN-AK154-5-R Datasheet
79Kb / 1P
Serial / Parallel Connection Cable
AK162-3-R ASSMANN-AK162-3-R Datasheet
77Kb / 1P
Serial/Parallel connection cable
AK164-10-R ASSMANN-AK164-10-R Datasheet
79Kb / 1P
Serial / Parallel Connection Cable
AK508-3-R ASSMANN-AK508-3-R Datasheet
104Kb / 1P
Serial/Parallel Connection Cable
logo
Pepperl+Fuchs Inc.
CBL-IDMX6X-DB-J1-S-C30-N0 PF-CBL-IDMX6X-DB-J1-S-C30-N0 Datasheet
320Kb / 1P
Serial extension cable
CBL-IDMX6X-DB-J1-S-C60-N0 PF-CBL-IDMX6X-DB-J1-S-C60-N0 Datasheet
320Kb / 1P
Serial extension cable
CBL-IDMX6X-DB-J1-S-S30-N0 PF-CBL-IDMX6X-DB-J1-S-S30-N0 Datasheet
379Kb / 1P
Serial extension cable
CBL-IDMX6X-DB-J1-S-S60-N0 PF-CBL-IDMX6X-DB-J1-S-S60-N0 Datasheet
379Kb / 1P
Serial extension cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com