Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3648-R Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3648-R
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3648-R Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3648-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3648-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC3648-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SC3648
ti
u
c
ri
C
t
s
e
T
e
m
i
T
g
n
i
h
c
ti
w
S
INPUT
100V
50Ω
100μF
470μF
--5V
IC=20IB1=--20IB2=300mA
(For PNP, the polarity is reversed)
+
+
VR
PW=20μs
D.C.≤1%
333Ω
RB
IB1
IB2
■
Typical Characterisitics
IC -- VCE
Collector-to-Emitter Voltage, VCE -- mV
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
0
20
30
0
7
0
6
0
5
0
1
0
8
0
4
0
200
400
600
800
1000
2SC3648
IB=0mA
0.5mA
2.5mA
3.0mA
3.5mA
2.0mA
1.5mA
1.0mA
0
0
4
0
0
8
0
0
2
0
0
0
1
0
0
6
00
0
100
200
400
300
600
500
700
800
2SC3648
IB=0mA
80mA
90mA
30mA
20mA
10mA
40mA
50mA
100mA
60mA
70mA
From top
VCE(sat) -- IC
Collector Current, IC -- mA
hFE -- IC
Collector Current, IC -- mA
2
10
5 7
7
3
2
100
2
1000
5 7
3
5
3
1000
2
3
5
7
100
2
3
5
7
10
3
5
7
5 7
3
5 7
7
5
2
3
3
2
10
100
2
1000
1.0
10
5
7
3
2
0.1
5
7
3
2
5
7
3
2
2SC3648
2SC3648
IC / IB=10
For PNP, minus sign is omitted
2SC3648
Pulse



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com