Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK322-2-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK322-2-R
Description  VGA Moniter Extension Cable - 2 Meters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK322-2-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK322-2-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.16.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
VGA Moniter Extension Cable - 2 Meters,
HD D-Sub 15 pin Female <=> HD D-Sub 15 pin Male
Complaint
RoHS
rev00
AK322-2-R
Material:
• Cable: NOUL 28AWG(7/0.12TC)*14C+AL/MY+D.W(7/0.12 TC)
- OD Ø6.0±0.15MM
- Outer Jacket Color: Beige(IV-29)
• P1 Connector: HDD15P Male Solder Type
- Pin G/F
- Insulation Color: Blue
- Shell Plate Nickel
• P1 Connector: HDD15P Female Solder Type
- Pin G/F
- Insulation Color: Blue
- Shell Plate Nickel
• Inner Jacket: Clear LDPE
• Outter Jacket: Beige, 40P PVC
• Screw: #4-40UNC
- Length: 47MM
- Nickel Plated
• Copper Foil: Double Sided Conductive Copper
Electrical:
• 100% Test, (Open, Short, Miss Wire)
• Hi-Pot: 300V DC/10ms
2,000MM±50MM
28.8±0.3
32.5±0.3
P1
P2
HD 15 Male
HD 15 Female
SEAL
130MM
110MM Max
1PCS / PE Bag
PIN Assignment
P1
1
2
3
4
5
6
7
8
10
11
12
13
14
15
Shell
P2
1
2
3
4
5
6
7
8
10
11
12
13
14
15
Shell
WHITE
GREY
YELLOW
PINK
ORANGE
RED
BROWN
GREEN
BLUE
PURPLE
LIGHT GREEN
LIGHT BLUE
BLACK
WHITE/BLACK
DRAIN


Similar Part No. - AK322-2-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK3220-18 ASSMANN-AK3220-18 Datasheet
186Kb / 1P
HD D-Sub 15-pin Male <=> Female, 1.8 Meters
AK3220X-R ASSMANN-AK3220X-R Datasheet
187Kb / 1P
HD D-Sub 15 pin Male <=> Female, 1.8 Meters
AK3220XF-R ASSMANN-AK3220XF-R Datasheet
206Kb / 1P
1.8 Meters w/Ferrite core, HD D-Sub
More results

Similar Description - AK322-2-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK376-R ASSMANN-AK376-R Datasheet
135Kb / 1P
VGA Moniter Extension Cable
AK377-R ASSMANN-AK377-R Datasheet
134Kb / 1P
VGA Moniter Extension Cable
AK532-2 ASSMANN-AK532-2 Datasheet
135Kb / 1P
VGA Moniter Extension Cable
AK532F-18-R ASSMANN-AK532F-18-R Datasheet
97Kb / 1P
VGA Moniter Cable
AK3760-3-R ASSMANN-AK3760-3-R Datasheet
878Kb / 1P
Premium VGA Moniter connection cable
AK3770-5-R ASSMANN-AK3770-5-R Datasheet
187Kb / 1P
Premium VGA Moniter connection cable
AK3780-10-R ASSMANN-AK3780-10-R Datasheet
187Kb / 1P
Premium VGA Moniter connection cable
AK5320-18-R ASSMANN-AK5320-18-R Datasheet
187Kb / 1P
Premium VGA Moniter connection cable
AK373-3-R ASSMANN-AK373-3-R Datasheet
66Kb / 1P
VGA Monitor Extension Cable - 3 Meters
AK528G-5-R ASSMANN-AK528G-5-R Datasheet
43Kb / 1P
PS/2 Extension Cable, Straight, 5 Meters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com