Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4976-F Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4976-F
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4976-F Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4976-F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4976-F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC4976-F Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SC4976
■
Typical Characterisitics
0
0.2
0.4
0.6
1.0
0.8
1.2
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
100
50
0
350
150
200
250
300
2SC4976
VCE=10V
hFE -- IC
Collector Current, IC -- mA
3
5
7
0
0
1
0
1
3
2
5
7
5
3
2
10
2
5
3
5
7
100
2
3
2SC4976
VCE=10V
Ta=75 C
25 C
--25 C
VCE(sat) -- IC
Collector Current, IC -- mA
5
7
0.1
2
3
5
7
1.0
2
3
3
5
7
0
0
1
0
1
3
2
5
7
5
3
2
2SC4976
IC / IB=10
Ta=75
C
--25
C
25 C
VBE(sat) -- IC
Collector Current, IC -- mA
7
5
3
2
1.0
2
3
5
0.1
0
0
1
0
1
2
3
7
5
5
7
3
5
2
3
2SC4976
IC / IB=10
75 C
Ta= --25 C
25 C
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
1.0
5
3
2
3
7
2
10
2
7
3
5
3
7
2
7
0
0
1
0
1
0
.
1
2
5
2SC4976
f=1MHz
1.0
5
3
2
3
7
2
10
2
7
3
5
3
7
2
7
0
0
1
0
1
0
.
1
2
5
Cre -- VCB
Collector-to-Base Voltage, VCB -- V
2SC4976
f=1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com