Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD814A-R Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD814A-R
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD814A-R Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD814A-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD814A-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SD814A
■
Typical Characterisitics
PC
I
a
T
—
C — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
0
6
1
0
40
120
80
140
20
100
60
0
240
200
160
120
80
40
Ambient temperature Ta (˚C)
2
1
0
10
8
2
6
4
0
120
100
80
60
40
20
Ta=25˚C
1.8mA
1.6mA
1.4mA
1.2mA
1.0mA
0.8mA
0.6mA
0.4mA
0.2mA
IB=2.0mA
Collector to emitter voltage VCE (V)
0
.
2
0
1.6
0.4
1.2
0.8
0
120
100
80
60
40
20
VCE=10V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage VBE (V)
0.1
1
10
100
0.3
3
30
0.01
0.03
0.1
0.3
1
3
10
30
100
IC/IB=10
25˚C
–25˚C
Ta=75˚C
Collector current IC (mA)
0.1
1
10
100
0.3
3
30
0
600
500
400
300
200
100
VCE=10V
Ta=75˚C
25˚C
–25˚C
Collector current IC (mA)
–1
–3
–10
–30
–100
0
200
160
120
80
40
VCB=10V
Ta=25˚C
Emitter current IE (mA)
1
3
10
30
100
0
5
4
3
2
1
IE=0
f=1MHz
Ta=25˚C
Collector to base voltage VCB (V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com