Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD814A-R Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD814A-R
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD814A-R Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD814A-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD814A-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
■
Features
●
High collector to emitter voltage VCEO.
●
Low noise voltage NV..
●
Complimentary to 2SB792A
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
185
Collector - Emitter Voltage
VCEO
185
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
50
Collector Current - Pulse
Icp
100
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
℃
mA
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
185
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
185
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 120 V , IE= 0
100
Emitter cut-off current
IEBO
VEB= 4V , IC=0
100
Collector-emitter saturation voltage
VCE(sat) IC=30 mA, IB=3mA
1
Base - emitter saturation voltage
VBE(sat) IC=30 mA, IB=3mA
1.2
DC current gain
hFE
VCE= 5V, IC= 10mA
90
330
Noise voltage
NV
VCE = 10V, IC = 1mA, GV = 80dB
Rg = 100kW, Function = FLAT
150
mV
Collector output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
2.3
pF
Transition frequency
fT
VCE= 10V, IE= -10mA,f=200MHz
150
MHz
V
nA
V
■
Classification of hfe
NPN Transistors
2SD814A
Type
2SD814A-Q
2SD814A-R
2SD814A-S
Range
90-155
130-220
185-330
Marking
LQ
LR
LS
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02


Similar Part No. - 2SD814A-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD814A-R KEXIN-2SD814A-R Datasheet
946Kb / 2P
NPN Transistors
2SD814A-R-HF KEXIN-2SD814A-R-HF Datasheet
934Kb / 2P
NPN Transistors
2SD814A-R-HF KEXIN-2SD814A-R-HF Datasheet
1,014Kb / 2P
NPN Transistors
More results

Similar Description - 2SD814A-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com