Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1918-R Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1918-R
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1918-R Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1918-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1918-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SD1918
■
Typical Characterisitics
Ta=25°C
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1.0
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.1 Ground emitter output characteristics
10mA
9mA
7mA
6mA
5mA
4mA
3mA
2mA
IB=1mA
8mA
VCE=5V
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.2 Ground emitter propagation characteristics
0
0.2
0.4 0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
0.02
0.05
0.1
0.2
0.5
1
2
5
0.01
Ta=100°C
Ta=25°C
Ta= −25°C
Ta=25°C
0.01 0.02
0.05 0.1 0.2
0.5
1
2
5
10
1000
500
200
100
20
50
10
1
2
5
COLLECTOR CURRENT : IC
(A)
Fig.3 DC current gain vs. collector current (1 )
VCE=10V
5V
VCE=5V
0.01 0.02
0.05 0.1 0.2
0.5
1
2
5
10
1000
500
200
100
20
50
10
1
2
5
COLLECTOR CURRENT : IC
(A)
Fig.4 DC current gain vs. collector current ( 2 )
Ta=100°C
25°C
−25°C
Ta=25°C
0.01 0.02
0.05 0.1 0.2
0.5
1
2
5
10
10
5
2
1
0.2
0.5
0.1
0.01
0.02
0.05
COLLECTOR CURRENT : IC
(A)
Fig.5 Collector-emitter saturation voltage
vs. collector current
IC/IB=20
10
IC/IB=10
0.01 0.02 0.05
0.1 0.2
0.5
1
2
5
10
10
5
2
1
0.2
0.5
0.1
0.01
0.02
0.05
COLLECTOR CURRENT : IC
(A)
Fig.6 Collector-emitter saturation voltage
Base-emitter saturation voltage vs. collector current
Ta= −25°C
25°C
−25°C
VBE(sat)
VCE(sat)
100°C
VCE=5V
−1
−2
−5
−10 −20
−50 −100 −200
−500 −1000
1000
500
200
100
20
50
10
1
2
5
EMITTER CURRENT : IE
(mA)
Fig.7 Gain bandwidth products vs. emitter current
Ta=25°C
f=1MHz
IE=0A
0.1 0.2
0.5
1
2
5
10 20
50
100
1000
500
200
100
20
50
10
1
2
5
COLLECTOR TO BASE VOLTAGE : VCB
(V)
Fig.8 Collector output capacitance
vs. collector-base voltage
Ta=25°C
Ta=25°C
*
Single
nonrepetitive
pulse
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.9 Safe operating area (2SD1918)
0.1 0.2 0.5
2
1
5 10 20 50 100 200 500 1000
10
5
2
1
200m
500m
100m
10m
2m
1m
5m
20m
50m
Ic Max (Pulse*)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com