Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK375-5-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK375-5-R
Description  HD D-Sub 15pin Female <=> HD D-Sub 15pin Male
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK375-5-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK375-5-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2010 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
AK375-5-R
VGA Monitor Extension Cable - 5 Meters
HD D-Sub 15pin Female <=> HD D-Sub 15pin Male
Material:
• Cable: NOUL 28AWG(7/0.12TC)*14C+AL/MY+D.W(7/0.12 TC)
- OD Ø6.0±0.15MM
- Outer Jacket Color: Beige(IV-29)
• P1 Connector: HDD15P Male Solder Type
- Pin G/F
- Insulation Color: Blue
- Shell Plate Nickel
• P1 Connector: HDD15P Female Solder Type
- Pin G/F
- Insulation Color: Blue
- Shell Plate Nickel
• Inner Jacket: Clear LDPE
• Outter Jacket: Beige, 40P PVC
• Screw: #4-40UNC
- Length: 47MM
- Nickel Plated
• Copper Foil: Double Sided Conductive Copper
Foil, 18—” W25MM*L55MM
Electrical:
• 100% Test, (Open, Short, Miss Wire)
• Contact Resistance: 3
Max.
• Insulation Resistance: 5M
Min.
• Hi-Pot: 300V DC/10ms
5,000MM±50MM
28.8±0.3
32.5±0.3
SEAL
130MM
110MM Max
1PCS / PE Bag
PIN Assignment
P1
1
2
3
4
5
6
7
8
10
11
12
13
14
15
Shell
P2
1
2
3
4
5
6
7
8
10
11
12
13
14
15
Shell
WHITE
GREY
YELLOW
PINK
ORANGE
RED
BROWN
GREEN
BLUE
PURPLE
LIGHT GREEN
LIGHT BLUE
BLACK
WHITE/BLACK
DRAIN
P1
P2
HD 15 Male
HD 15 Female


Similar Part No. - AK375-5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK375-R ASSMANN-AK375-R Datasheet
116Kb / 1P
HD D-Sub 15 Pin Female to HD D-Sub
More results

Similar Description - AK375-5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-HDF15AA-WP ASSMANN-A-HDF15AA-WP Datasheet
261Kb / 1P
D-SUB, HIGH DENSITY, FEMALE, 15PIN, 90 ?
A-HDS15AA-WP ASSMANN-A-HDS15AA-WP Datasheet
263Kb / 1P
D-SUB, HIGH DENSITY, MALE, 15PIN, 90
A-HDS15PP-WP ASSMANN-A-HDS15PP-WP Datasheet
261Kb / 1P
D-SUB, HIGH DENSITY, MALE, 15PIN, 180 ?
logo
CONEC Elektronische Bau...
15K1A272 CONEC-15K1A272 Datasheet
227Kb / 2P
D-SUB MALE HD
15K1A273 CONEC-15K1A273 Datasheet
235Kb / 2P
D-SUB FEMALE HD
15K1A278 CONEC-15K1A278 Datasheet
240Kb / 2P
D-SUB FEMALE HD
15K1A281 CONEC-15K1A281 Datasheet
224Kb / 2P
D-SUB FEMALE HD
15K1A304 CONEC-15K1A304 Datasheet
267Kb / 2P
D-SUB FEMALE HD
logo
Assmann Electronics Inc...
A-HOOD-09-15-R ASSMANN-A-HOOD-09-15-R Datasheet
256Kb / 1P
D-SUB HOOD, 9PIN AND HD 15PIN
A-HOOD-15-26-R ASSMANN-A-HOOD-15-26-R Datasheet
265Kb / 1P
D-SUB HOOD, 15PIN AND HD 26PIN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com