Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK375-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK375-R
Description  HD D-Sub 15 Pin Female to HD D-Sub
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK375-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK375-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.16.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
VGA Moniter Extension Cable,
HD D-Sub 15 Pin Female to HD D-Sub
15 Pin Female
Complaint
RoHS
rev00
AK322-2-R (2.0 Meters)
AK373-3-R (3.0 Meters)
AK375-R (10.0 Meters)
See “Item No.”
See “Item No.”


Similar Part No. - AK375-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK375-5-R ASSMANN-AK375-5-R Datasheet
66Kb / 1P
HD D-Sub 15pin Female <=> HD D-Sub 15pin Male
More results

Similar Description - AK375-R

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
164X11949X CONEC-164X11949X Datasheet
46Kb / 1P
D-SUB HD FEMALE
15K1A273 CONEC-15K1A273 Datasheet
235Kb / 2P
D-SUB FEMALE HD
15K1A278 CONEC-15K1A278 Datasheet
240Kb / 2P
D-SUB FEMALE HD
15K1A281 CONEC-15K1A281 Datasheet
224Kb / 2P
D-SUB FEMALE HD
15K1A304 CONEC-15K1A304 Datasheet
267Kb / 2P
D-SUB FEMALE HD
logo
Assmann Electronics Inc...
AK373-R ASSMANN-AK373-R Datasheet
116Kb / 1P
HD D-Sub 15 Pin Female to HD D-Sub
AK3220X-R ASSMANN-AK3220X-R Datasheet
187Kb / 1P
HD D-Sub 15 pin Male <=> Female, 1.8 Meters
AK3730X-R ASSMANN-AK3730X-R Datasheet
187Kb / 1P
HD D-Sub 15 pin Male <=> Female, 3 Meters
AK3740X-R ASSMANN-AK3740X-R Datasheet
187Kb / 1P
HD D-Sub 15 pin Male <=> Female, 5 Meters
AK3750X-R ASSMANN-AK3750X-R Datasheet
187Kb / 1P
HD D-Sub 15 pin Male <=> Female, 10 Meters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com