Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK3740-5-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK3740-5-R
Description  HD D-Sub 15-pin Male <=> Female, 5 Meters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK3740-5-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK3740-5-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.15.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK3740-5-R
Premium VGA Monitor extension cable -
HD D-Sub 15-pin Male <=> Female, 5 Meters
Complaint
RoHS
rev00
Material:
1
6
11
15
10
5
P1
HDB 15 Male
Plastic: Blue
1
6
11
15
10
5
P2
HDB 15 Female
Plastic: Blue
5,000MM±30MM
Thumb Screw: #4-40*4
P1
1
6
2
7
3
8
4
5
P2
1
6
2
7
3
8
4
5
RED
GREEN
BLUE
BROWN
BLACK
PIN OUT
P1
13
14
P2
13
14
ORANGE
WHITE
BRAID
SHELL
CENTER
SHIELDING
SHELL


Similar Part No. - AK3740-5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK3740X-R ASSMANN-AK3740X-R Datasheet
187Kb / 1P
HD D-Sub 15 pin Male <=> Female, 5 Meters
AK3740XF-R ASSMANN-AK3740XF-R Datasheet
207Kb / 1P
5 Meters w/Ferrite core, HD D-Sub
More results

Similar Description - AK3740-5-R

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
070907FS015G100CU SUYIN-USA-070907FS015G100CU Datasheet
38Kb / 1P
15 PIN HD D-SUB CONNECTOR FEMALE LOW PROFILE
logo
Assmann Electronics Inc...
AK373-R ASSMANN-AK373-R Datasheet
116Kb / 1P
HD D-Sub 15 Pin Female to HD D-Sub
AK375-R ASSMANN-AK375-R Datasheet
116Kb / 1P
HD D-Sub 15 Pin Female to HD D-Sub
AK3220-18 ASSMANN-AK3220-18 Datasheet
186Kb / 1P
HD D-Sub 15-pin Male <=> Female, 1.8 Meters
AK3220X-R ASSMANN-AK3220X-R Datasheet
187Kb / 1P
HD D-Sub 15 pin Male <=> Female, 1.8 Meters
AK3730X-R ASSMANN-AK3730X-R Datasheet
187Kb / 1P
HD D-Sub 15 pin Male <=> Female, 3 Meters
AK3740XF-R ASSMANN-AK3740XF-R Datasheet
207Kb / 1P
5 Meters w/Ferrite core, HD D-Sub
AK3740X-R ASSMANN-AK3740X-R Datasheet
187Kb / 1P
HD D-Sub 15 pin Male <=> Female, 5 Meters
AK3750X-R ASSMANN-AK3750X-R Datasheet
187Kb / 1P
HD D-Sub 15 pin Male <=> Female, 10 Meters
AK3915XF-R ASSMANN-AK3915XF-R Datasheet
207Kb / 1P
15 Meters w/Ferrite core, HD D-Sub 15 pin Male <=> Female
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com