Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK3740X-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK3740X-R
Description  HD D-Sub 15 pin Male <=> Female, 5 Meters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK3740X-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK3740X-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.16.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK3740X-R
Premium XGA Monitor Extension Cable -
HD D-Sub 15 pin Male <=> Female, 5 Meters
Complaint
RoHS
rev00
Material:
1
6
11
15
10
5
P1
HDB 15 Male
Plastic: Blue
1
6
11
15
10
5
P2
HDB 15 Female
Plastic: Blue
5,000MM±50MM
Thumb Screw: #4-40*4
P1
1
6
2
7
3
8
4
5
P2
1
6
2
7
3
8
4
5
RED
GRAY
BLUE
BROWN
BLACK
PIN OUT
P1
10
11
12
13
14
P2
10
11
12
13
14
ORANGE
WHITE
YELLOW
GREEN
RED
BRAID
SHELL
CENTER
SHIELDING
SHELL


Similar Part No. - AK3740X-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK3740XF-R ASSMANN-AK3740XF-R Datasheet
207Kb / 1P
5 Meters w/Ferrite core, HD D-Sub
More results

Similar Description - AK3740X-R

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
070907FS015G100CU SUYIN-USA-070907FS015G100CU Datasheet
38Kb / 1P
15 PIN HD D-SUB CONNECTOR FEMALE LOW PROFILE
logo
Assmann Electronics Inc...
AK373-R ASSMANN-AK373-R Datasheet
116Kb / 1P
HD D-Sub 15 Pin Female to HD D-Sub
AK375-R ASSMANN-AK375-R Datasheet
116Kb / 1P
HD D-Sub 15 Pin Female to HD D-Sub
AK3220-18 ASSMANN-AK3220-18 Datasheet
186Kb / 1P
HD D-Sub 15-pin Male <=> Female, 1.8 Meters
AK3220X-R ASSMANN-AK3220X-R Datasheet
187Kb / 1P
HD D-Sub 15 pin Male <=> Female, 1.8 Meters
AK3730X-R ASSMANN-AK3730X-R Datasheet
187Kb / 1P
HD D-Sub 15 pin Male <=> Female, 3 Meters
AK3740-5-R ASSMANN-AK3740-5-R Datasheet
186Kb / 1P
HD D-Sub 15-pin Male <=> Female, 5 Meters
AK3740XF-R ASSMANN-AK3740XF-R Datasheet
207Kb / 1P
5 Meters w/Ferrite core, HD D-Sub
AK3750X-R ASSMANN-AK3750X-R Datasheet
187Kb / 1P
HD D-Sub 15 pin Male <=> Female, 10 Meters
AK3915XF-R ASSMANN-AK3915XF-R Datasheet
207Kb / 1P
15 Meters w/Ferrite core, HD D-Sub 15 pin Male <=> Female
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com