Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK3920XF-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK3920XF-R
Description  Premium XGA Monitor Extension Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK3920XF-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK3920XF-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.16.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK3920XF-R
Premium XGA Monitor Extension Cable -
20 Meters w/Ferrite core, HD D-Sub
15 pin Male <=> Female
Complaint
RoHS
rev00
Material:
1
6
11
15
10
5
P1
HDB 15 Male
Plastic: Blue
1
6
11
15
10
5
P2
HDB 15 Female
Plastic: Blue
20,000MM±50MM
Thumb Screw: #4-40 UNC*4PCS
50±5MM
50±5MM
P1
1
6
2
7
3
8
4
5
P2
1
6
2
7
3
8
4
5
RED
GRAY
BLUE
BROWN
BLACK
PIN OUT
P1
10
11
12
13
14
P2
10
11
12
13
14
ORANGE
WHITE
YELLOW
GREEN
RED
BRAID
SHELL
CENTER
SHIELDING
SHELL


Similar Part No. - AK3920XF-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK3915XF-R ASSMANN-AK3915XF-R Datasheet
207Kb / 1P
15 Meters w/Ferrite core, HD D-Sub 15 pin Male <=> Female
More results

Similar Description - AK3920XF-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK3730-3-R ASSMANN-AK3730-3-R Datasheet
184Kb / 1P
Premium VGA Monitor extension cable
AK3750-10-R ASSMANN-AK3750-10-R Datasheet
183Kb / 1P
Premium VGA Monitor extension cable
AK3760X-3-R ASSMANN-AK3760X-3-R Datasheet
186Kb / 1P
Premium XGA Monitor Connection cablE
AK3760X-R ASSMANN-AK3760X-R Datasheet
226Kb / 1P
Premium XGA Moniter Connection Cable
AK3770X-5-R ASSMANN-AK3770X-5-R Datasheet
186Kb / 1P
Premium XGA Monitor Connection cable
AK3770X-R ASSMANN-AK3770X-R Datasheet
226Kb / 1P
Premium XGA Moniter Connection Cable
AK3780X-10-R ASSMANN-AK3780X-10-R Datasheet
186Kb / 1P
Premium XGA Monitor Connection cable
AK3780X-R ASSMANN-AK3780X-R Datasheet
226Kb / 1P
Premium XGA Moniter Connection Cable
AK5320X-18-R ASSMANN-AK5320X-18-R Datasheet
186Kb / 1P
Premium XGA Monitor Connection cable
AK3750XF-R ASSMANN-AK3750XF-R Datasheet
205Kb / 1P
Premium XGA Monitor Extension Cable - 10 Meters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com