Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3271 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SAM3271
Description  Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SAM3271 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SAM3271 Datasheet HTML 1Page - KODENSHI_AUK CORP. SAM3271 Datasheet HTML 2Page - KODENSHI_AUK CORP. SAM3271 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AUK CORP.
SAM3271
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
3. Absolute Maximum Ratings
(Ta=25
oC)
Characteristic
Symbol
Rating
Unit
Amber
Y-Green
Power dissipation
PD
75
75
mW
Forward current
IF
30
30
mA
*1Peak forward current
IFP
50
50
mA
Reverse voltage
VR
4
4
V
Operating temperature range
Topr
-25 85
∼
℃
Storage temperature range
Tstg
-30 100
∼
℃
Soldering temperature
Tsol
260
for
℃
10 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
4. Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward voltage
VF
Amber
IF= 20mA
-
2.1
2.5
V
Y-Green
-
2.1
2.5
Luminous intensity
IV
Amber
IF= 20mA
4
9
-
mcd
Y-Green
5
12
-
Peak wavelength
λP
Amber
IF= 20mA
-
630
-
nm
Y-Green
-
570
-
Spectrum bandwidth
∆λ
Amber
IF= 20mA
-
35
-
nm
Y-Green
-
30
-
Reverse current
IR
VR=4V
-
-
10
uA
Half angle
θ1/2
IF= 20mA
-
±30
-
deg



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com