Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB412-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AB412-R
Description  Mini Gender Changer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AB412-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AB412-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.22.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AB412-R
Mini Gender Changer -
D-Sub 15 Pin Male <=> D-Sub 15 Pin Male
Complaint
RoHS
rev00
Unit: MM
Material:
• Insulator: PBT Glass fibre reinforced UL 94 V0
• Contact: Brass
• Contact plating: Gold plated over nickel
• Shell: Tin plated shell
• Yellow label with black characters
15P-Male
1
2
14
15
G
15P-Male
1
2
14
15
G
UNC #4-40 Hexscrew
Pin Out


Similar Part No. - AB412-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AB4129B-D PUI-AB4129B-D Datasheet
59Kb / 1P
PIEZO CERAMIC BENDER
More results

Similar Description - AB412-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-610505-000-I ASSMANN-AK-610505-000-I Datasheet
284Kb / 2P
Mini Gender-Changer / 9-pin
AB410-R ASSMANN-AB410-R Datasheet
104Kb / 1P
Mini Gender Changer
AB411-R ASSMANN-AB411-R Datasheet
90Kb / 1P
Mini Gender Changer
AB413-R ASSMANN-AB413-R Datasheet
95Kb / 1P
Mini Gender Changer
AB414-R ASSMANN-AB414-R Datasheet
106Kb / 1P
Mini Gender Changer
AB415-R ASSMANN-AB415-R Datasheet
98Kb / 1P
Mini Gender Changer
AB418-R ASSMANN-AB418-R Datasheet
104Kb / 1P
Mini Gender Changer
AB420-R ASSMANN-AB420-R Datasheet
101Kb / 1P
Mini Gender Changer
logo
Adam Technologies, Inc.
MGC-25S-25S-JS-JS ADAM-TECH-MGC-25S-25S-JS-JS Datasheet
103Kb / 1P
MINI GENDER CHANGER
logo
Glenair, Inc.
233-214 GLENAIR-233-214 Datasheet
203Kb / 2P
SuperNine In-Line Gender Changer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com