Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-NM9-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AB-NM9-R
Description  D-Sub Null Modem Adapter, 9 Pin - Male / 9 Pin - Female
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AB-NM9-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AB-NM9-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.22.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AB-NM9-R
D-Sub Null Modem Adapter,
9 Pin - Male / 9 Pin - Female
Complaint
RoHS
rev00
Mini Gender Changer


Similar Part No. - AB-NM9-R

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-0151BD-01WA-G10-S A-BRIGHT-AB-0151BD-01WA-G10-S Datasheet
205Kb / 3P
HIGH POWER LED BULB
7/2/2007
AB-0151BD-12V0-M00-S A-BRIGHT-AB-0151BD-12V0-M00-S Datasheet
200Kb / 3P
HIGH POWER LED BULB
7/2/2007
AB-0151BD-24V0-M00-S A-BRIGHT-AB-0151BD-24V0-M00-S Datasheet
201Kb / 3P
HIGH POWER LED BULB
7/2/2007
AB-0151GD-01WA-G10-S A-BRIGHT-AB-0151GD-01WA-G10-S Datasheet
205Kb / 3P
HIGH POWER LED BULB
7/2/2007
AB-0151GD-12V0-M00-S A-BRIGHT-AB-0151GD-12V0-M00-S Datasheet
200Kb / 3P
HIGH POWER LED BULB
7/2/2007
More results

Similar Description - AB-NM9-R

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
070261MR SUYIN-USA-070261MR Datasheet
126Kb / 1P
D-SUB 9 PIN MALE CONNECTOR
logo
Assmann Electronics Inc...
AK125-2 ASSMANN-AK125-2 Datasheet
262Kb / 1P
DSUB-9 Pin Female to DSUB 25-Pin Male
AK125-2-R ASSMANN-AK125-2-R Datasheet
106Kb / 1P
D-Sub 9 Pin Female to D-Sub 25 Pin Male
AK131-2 ASSMANN-AK131-2 Datasheet
148Kb / 1P
9 Pin, Male <=> Female Molded, 2 Meters
AK178-3 ASSMANN-AK178-3 Datasheet
46Kb / 1P
D-Sub 9 Pin Male <=> D-Sub 9 Pin Female
AB915 ASSMANN-AB915 Datasheet
69Kb / 1P
D-Sub 9-Pin Female to D-Sub 25-pin Female
logo
Adam Technologies, Inc.
DPD-09P-25S-B2 ADAM-TECH-DPD-09P-25S-B2 Datasheet
119Kb / 1P
D-SUB 9 PIN MALE 25 PIN FEMALE
logo
Pepperl+Fuchs Inc.
LB9001A PF-LB9001A Datasheet
736Kb / 2P
D-Sub plug 9-pin
2020-03-30
LB9002A PF-LB9002A Datasheet
765Kb / 2P
D-Sub plug 9-pin
2020-03-30
LB9003A PF-LB9003A Datasheet
445Kb / 2P
D-Sub plug 9-pin
2020-03-30
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com