Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK528G-5-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK528G-5-R
Description  PS/2 Extension Cable, Straight, 5 Meters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK528G-5-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK528G-5-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2009 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
AK528G-5-R
PS/2 Extension Cable, Straight, 5 Meters,
Mini DIN 6-Pin Male <=> Mini DIN 6-Pin Female
Material:
• Cable: #28 6C+1+AL/MY (Beige PVC Jacket) O.D:5.0MM
• Both connectors with normal type
• Outter molded PVC
• Total Length: 2 Meters ± 5CM
• Color: Beige
Mini DIN 6M
MD Type
Mini DIN 6F
MD Type
5M+5CM
-
Configuration:
Mini Din 6M
Mini Din 6F
1
2
3
4
5
6
Shield
1
2
3
4
5
6
Shield
Front View
Front View
Mini DIN 6M
Mini DIN 6F
5
3
1
2
4
6
6
4
2
1
3
5


Similar Part No. - AK528G-5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK528-5-R ASSMANN-AK528-5-R Datasheet
251Kb / 1P
PS2 EXTENSION CABLE
More results

Similar Description - AK528G-5-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P222-006-R ETC2-P222-006-R Datasheet
453Kb / 1P
Computer Cable, PS/2 Extension Cable (Straight)
logo
Assmann Electronics Inc...
AK678-2-R ASSMANN-AK678-2-R Datasheet
64Kb / 1P
PS/2 Connection Cable - 2 Meters, Beige
logo
Tripp Lite. All Rights ...
P222-006 TRIPPLITE-P222-006 Datasheet
475Kb / 3P
PS/2 Keyboard or Mouse Extension Cable
P222-010 TRIPPLITE-P222-010 Datasheet
477Kb / 3P
PS/2 Keyboard or Mouse Extension Cable
logo
Assmann Electronics Inc...
AK322-2-R ASSMANN-AK322-2-R Datasheet
86Kb / 1P
VGA Moniter Extension Cable - 2 Meters
AK323-2-R ASSMANN-AK323-2-R Datasheet
251Kb / 1P
PS/2 EXTENSION CABLE, SPIRAL
AK373-3-R ASSMANN-AK373-3-R Datasheet
66Kb / 1P
VGA Monitor Extension Cable - 3 Meters
AK3750XF-R ASSMANN-AK3750XF-R Datasheet
205Kb / 1P
Premium XGA Monitor Extension Cable - 10 Meters
AK678-2 ASSMANN-AK678-2 Datasheet
80Kb / 1P
PS/2 Connection Cable - Meters
AK679-5-R ASSMANN-AK679-5-R Datasheet
80Kb / 1P
PS/2 Connection Cable - Meters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com