Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK-Y1202-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK-Y1202-R
Description  CENTRONICS 50 PIN MALE TO D-SUB 50 PIN MALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK-Y1202-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK-Y1202-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - AK-Y1202-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-Y1302-R ASSMANN-AK-Y1302-R Datasheet
306Kb / 1P
D-SUB 68 PIN MALE, HALF PITCH
AK-Y1303-R ASSMANN-AK-Y1303-R Datasheet
305Kb / 1P
CABLE SCSI-3 ADAPTER 50 CONDUCTOR
AK-Y1304-R ASSMANN-AK-Y1304-R Datasheet
284Kb / 1P
CABLE SCSI-3 ADAPTER 25 CONDUCTOR
More results

Similar Description - AK-Y1202-R

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
070261MR SUYIN-USA-070261MR Datasheet
126Kb / 1P
D-SUB 9 PIN MALE CONNECTOR
logo
Assmann Electronics Inc...
AK125-2-R ASSMANN-AK125-2-R Datasheet
106Kb / 1P
D-Sub 9 Pin Female to D-Sub 25 Pin Male
AK135-2 ASSMANN-AK135-2 Datasheet
45Kb / 1P
D-Sub 25 pin Male <=> D-Sub 25 pin Female
AK166-3-R ASSMANN-AK166-3-R Datasheet
77Kb / 1P
D-Sub 25 Pin Male <=> D-Sub 25 Pin
AK168-10-R ASSMANN-AK168-10-R Datasheet
89Kb / 1P
D-Sub 25 Pin Male to D-Sub 25 Pin Female
AK178-3 ASSMANN-AK178-3 Datasheet
46Kb / 1P
D-Sub 9 Pin Male <=> D-Sub 9 Pin Female
AK-Y1302-R ASSMANN-AK-Y1302-R Datasheet
306Kb / 1P
D-SUB 68 PIN MALE, HALF PITCH
logo
Adam Technologies, Inc.
DPD-09P-25S-B2 ADAM-TECH-DPD-09P-25S-B2 Datasheet
119Kb / 1P
D-SUB 9 PIN MALE 25 PIN FEMALE
logo
Linx Technologies
ADP-SMAM-MCXM LINX-ADP-SMAM-MCXM Datasheet
338Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO MCX PLUG (MALE PIN)
logo
CONEC Elektronische Bau...
3013W3PAR99A10X CONEC-3013W3PAR99A10X Datasheet
236Kb / 1P
D-SUB COMBINATION MALE 13W3P SOLDER PIN
31.07.13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com