Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-23053-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AT-23053-R
Description  D-Sub Modular Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AT-23053-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AT-23053-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.22.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AT-23053-R
D-Sub Modular Adapter,
25 Pin Female <=> RJ12 Female, Beige
Complaint
RoHS
rev00
Material:
• Cable: UL 26AWG, 60MM
- Blue, Black, Red, Green,
Yellow, White
• P1 Connector: D-Sub 25-Pin Female
- Crimp Type
- Black Insulation
• Color: Beige
• PVC Housing
• Thumbscrew: 5*37MM
P1
P2
12.5±0.2
25
14
1
13
17.7
50±5
37±0.3
1Pin
6Pin
16.0±0.2
ø2.7
ø2.0
ø5.0
ø5.2
4.5
7.5
25
10
Seal
1PCS/PE Bag
80MM
Pin Assignment
P1
White
Black
Red
Green
Yellow
Blue
P2
1
2
3
4
5
6


Similar Part No. - AT-23053-R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-2305 HIROSE-AT-2305 Datasheet
221Kb / 3P
Stripline Mounting Fixed Attenuators
logo
Assmann Electronics Inc...
AT-23052 ASSMANN-AT-23052 Datasheet
68Kb / 1P
D-Siub Modular Adapter
AT-23054 ASSMANN-AT-23054 Datasheet
66Kb / 1P
D-Sub Modular Adapter
AT-23055-R ASSMANN-AT-23055-R Datasheet
66Kb / 1P
D-Sub Modular Adapter
More results

Similar Description - AT-23053-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AT-23052 ASSMANN-AT-23052 Datasheet
68Kb / 1P
D-Siub Modular Adapter
AT-23054 ASSMANN-AT-23054 Datasheet
66Kb / 1P
D-Sub Modular Adapter
AT-23055-R ASSMANN-AT-23055-R Datasheet
66Kb / 1P
D-Sub Modular Adapter
AT-23064-R ASSMANN-AT-23064-R Datasheet
71Kb / 1P
DSub Modular Adapter
AT-23065 ASSMANN-AT-23065 Datasheet
69Kb / 1P
DSub Modular Adapter
AT-23066 ASSMANN-AT-23066 Datasheet
66Kb / 1P
D-Siub Modular Adapter
AT-23067 ASSMANN-AT-23067 Datasheet
64Kb / 1P
D-Siub Modular Adapter
logo
CONEC Elektronische Bau...
163A50059X CONEC-163A50059X Datasheet
1Mb / 1P
D-SUB ADAPTER
163A50079X CONEC-163A50079X Datasheet
292Kb / 1P
D-SUB ADAPTER
logo
Tripp Lite. All Rights ...
B090-A9M TRIPPLITE-B090-A9M Datasheet
159Kb / 2P
Modular Serial Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com