Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-23064-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AT-23064-R
Description  DSub Modular Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AT-23064-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AT-23064-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
AT-23064-R
rev00
Chappell
22.11.11
DSub Modular Adapter
9 pin Male
RJ12 Female, Beige
Free
Scale
X.
X.X
X.XX
DIM
X.°
X.X°
Angle
TOL
±0.3
±X
±X
±X°
±X°
Groll
03.02.14
• Thumbscrew: #4-40*37mm
Material:
• Cable: UL 26AWG, 60MM
- Yellow, Green, Red, Black, White, Brown
• P1 Connector: D-Sub 9-Pin Male
- Crimp Type
- Black Insulation
• P2 Connector: RJ12 6P6C Female 3 ”
• Color: Beige
• PVC Housing
1
6
9
5
2
P
1
P
1Pin
6Pin
Pin Assignment
P1
White
Black
Red
Green
Yellow
Brown
P2
1
2
3
4
5
6
Seal
1PCS/PE Bag
80MM


Similar Part No. - AT-23064-R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-2306 HIROSE-AT-2306 Datasheet
221Kb / 3P
Stripline Mounting Fixed Attenuators
logo
Assmann Electronics Inc...
AT-23065 ASSMANN-AT-23065 Datasheet
69Kb / 1P
DSub Modular Adapter
AT-23066 ASSMANN-AT-23066 Datasheet
66Kb / 1P
D-Siub Modular Adapter
AT-23067 ASSMANN-AT-23067 Datasheet
64Kb / 1P
D-Siub Modular Adapter
More results

Similar Description - AT-23064-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
DK-610516-000-I ASSMANN-DK-610516-000-I Datasheet
259Kb / 2P
Adapter, DB9, RJ45, Modular
AT-23052 ASSMANN-AT-23052 Datasheet
68Kb / 1P
D-Siub Modular Adapter
AT-23053-R ASSMANN-AT-23053-R Datasheet
65Kb / 1P
D-Sub Modular Adapter
AT-23054 ASSMANN-AT-23054 Datasheet
66Kb / 1P
D-Sub Modular Adapter
AT-23055-R ASSMANN-AT-23055-R Datasheet
66Kb / 1P
D-Sub Modular Adapter
AT-23065 ASSMANN-AT-23065 Datasheet
69Kb / 1P
DSub Modular Adapter
AT-23066 ASSMANN-AT-23066 Datasheet
66Kb / 1P
D-Siub Modular Adapter
AT-23067 ASSMANN-AT-23067 Datasheet
64Kb / 1P
D-Siub Modular Adapter
A-RJ45-BOX-1 ASSMANN-A-RJ45-BOX-1 Datasheet
107Kb / 1P
Waterproof Modular Adapter box
logo
Tripp Lite. All Rights ...
B090-A9M TRIPPLITE-B090-A9M Datasheet
159Kb / 2P
Modular Serial Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com