Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9877 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9877
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9877 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9877 Datasheet HTML 9Page - Analog Devices AD9877 Datasheet HTML 10Page - Analog Devices AD9877 Datasheet HTML 11Page - Analog Devices AD9877 Datasheet HTML 12Page - Analog Devices AD9877 Datasheet HTML 13Page - Analog Devices AD9877 Datasheet HTML 14Page - Analog Devices AD9877 Datasheet HTML 15Page - Analog Devices AD9877 Datasheet HTML 16Page - Analog Devices AD9877 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AD9877
Rev. B | Page 13 of 36
THEORY OF OPERATION
To gain a general understanding of the AD9877, refer to the
block diagram of the device architecture in Figure 15. The
following is a general description of the device functionality.
Later sections will detail each of the data path building blocks.
TRANSMIT SECTION
Modulation Mode Operation
The AD9877 accepts 6-bit words that are strobed synchronous
to the master clock, MCLK, into the data assembler. A high
level on TxSYNC signals the start of a transmit symbol. Two
successive 6-bit words form a 12-bit symbol component. The
incoming data is assumed to be complex in that alternating
12-bit words are regarded as the in-phase (I) and quadrature
(Q) components of a symbol. Symbol components are assumed
to be in twos complement format. The rate at which the TxIQ
data is read will be referred to as the master clock rate (fMCLK).
The data assembler receives the multiplexed IQ data and creates
two parallel 12-bit paths with I and Q data pairs, which
compose a complex symbol. The rate at which the I and Q data-
word pairs appear at the output of the data assembler are
referred to as the IQ sample rate (fIQCLK). Because four 6-bit
reads are required at the TxIQ input to read a full 24-bit
complex symbol, fMCLK is 4 times the IQ sample rate (fMCLK = 4 ×
fIQCLK).
Once through the data assembler, the IQ data streams are fed
through two half-band filters (Half-Band Filters 1 and 2). The
combination of these two filters results in the sample rate
increasing by a factor of 4. Thus, at the output of Half-Band
Filter 2, the sample rate is 4 × fIQCLK. In addition to the sample
rate increase, the half-band filters provide the low-pass filtering
characteristic necessary to suppress the spectral images
produced by the upsampling process.
IF12 INPUT
Q INPUT
I INPUT
SDELTA1
XTAL
Tx
FSADJ
SDELTA0
OSCIN
12
8
8
ADC
ADC
ADC
CONTROL WORD 0
CONTROL WORD 1
Σ-Δ
Σ-Δ
12
12
M = 1, 2, ..., 31
OSCIN
MULTIPLIER
× M
÷8
÷2
÷2
÷N
REF12
REF8
÷2
MUX
DAC
DAC GAIN CONTROL
N = 3, 4
(fOSCIN)
(fOSCIN)
(fSYSCLK)
(fOSCIN)
12
QUADRATURE
MODULATOR
DDS
SIN
HALF-BAND
FILTER 1
HALF-BAND
FILTER 2
CIC
FILTER
DATA
ASSEMBLER
I
Q
COS
AD832x CTRL
BURST PROFILE CTRL
SERIAL INTERFACE
3
2
4
RxIQ
DATA
4
12
12
12
12
12
12
12
÷2
÷2
R = 2, 3, ..., 63
÷R
(fIQCLK)
(fMCLK)
AD9877
6
TxIQ
Rx IF
RxSYNC
RxIQ
REFCLK
MCLK
TxSYNC
Figure 15. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com