Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB521R Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # KB521R
Description  high bright AllnGaP red LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

KB521R Datasheet(HTML) 2 Page - Hamamatsu Corporation

  KB521R Datasheet HTML 1Page - Hamamatsu Corporation KB521R Datasheet HTML 2Page - Hamamatsu Corporation KB521R Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AUK CORP.
KB464AR61 (KLB-521 R)
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.O date: 08-AUG-11
AUK-LDM-001(A)
5. Absolute Maximums
[ Ta=25℃ ]
Parameter
Symbol
Ratings
Unit
Reverse voltage
VR
5
V
Forward current
IF
30
mA
Pulse forward current
*1
IFP
0.3
A
Power dissipation
PD
70
mW
Operating temperature
Topr.
-30 ~ +85
°C
Storage temperature
Tstg.
-40 ~ +100
°C
Soldering Temperature
Tsol.
260
°C
*1. IFP Measured under duty £ 1/100 @ tw=10ms
6. Electro-Optical Characteristics (TA = 25℃)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 20 mA
2.1
2.5
V
Reverse current
IR
VR = 5 V
-
-
50
uA
Luminous Intensity
Iv
IF = 20 mA
0.7
1.0
-
cd
Doninant Wave Length
λD
IF = 20 mA
615
-
630
nm
Spectral half bandwidth
∆λ
IF = 20 mA
-
15
-
nm
Half angle
2∆θ1/2
IF = 20 mA
-
80
-
deg.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com