Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA3860 Datasheet(PDF) 21 Page - Intersil Corporation

Part # HFA3860
Description  11 Mbps Direct Sequence Spread Spectrum Baseband Processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3860 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button HFA3860 Datasheet HTML 17Page - Intersil Corporation HFA3860 Datasheet HTML 18Page - Intersil Corporation HFA3860 Datasheet HTML 19Page - Intersil Corporation HFA3860 Datasheet HTML 20Page - Intersil Corporation HFA3860 Datasheet HTML 21Page - Intersil Corporation HFA3860 Datasheet HTML 22Page - Intersil Corporation HFA3860 Datasheet HTML 23Page - Intersil Corporation HFA3860 Datasheet HTML 24Page - Intersil Corporation HFA3860 Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
4-
21
The second form of correlator is the serial correlator bank used
for detection of the MBOK modulation. There is a bank of eight
8 chip correlators for the I Channel and another 8 for the Q
Channel. These correlators integrate over the symbol and are
sampled at the symbol rate of 1.375 MSPS. Each bank of
correlators is connected to a biggest picker that finds the
correlator output with the largest magnitude output. This finding
of 1 out of 8 process determines 3 signal bits per correlator
bank. The sign of the correlator output determines 1 more bit
per bank. Thus, each bank of correlators can determine 4 bits
at 1.375 MSPS. This is a rate of 5.5 Mbps. Only the I correlator
bank is used for BMBOK. When both correlator banks are
used, this becomes twice that rate or 11 Mbps.
Data Demodulation and Tracking
Description (DBPSK and DQPSK Modes)
The signal is demodulated from the correlation peaks tracked
by the symbol timing loop (bit sync) as shown in Figure 15.
The frequency and phase of the signal is corrected from the
NCO that is driven by the phase locked loop. Demodulation of
the DPSK data in the early stages of acquisition is done by
delay and subtraction of the phase samples. Once phase
locked loop tracking of the carrier is established, coherent
demodulation is enabled for better performance. Averaging
the phase errors over 16 symbols gives the necessary
frequency information for proper NCO operation. The signal
quality known as SQ2 is the variance in this estimate.
Configuration Register 15 sets the search timer for the SFD.
This register sets this time-out length in symbols for the
receiver. If the time out is reached, and no SFD is found, the
receiver resets to the acquisition mode. The suggested value
is # preamble symbols + 16. If several transmit preamble
lengths are used by various transmitters in a network, the
longest value should be used for the receiver settings.
Data Decoder and Descrambler Description
The data decoder that implements the desired DQPSK
coding/decoding as shown in Table 10. The data is formed
into pairs of bits called dibits. The left bit of the pair is the first
in time. This coding scheme results from differential coding
of the dibits. Vector rotation is counterclockwise for a positive
phase shift, but can be reversed with bit 5 or 6 of CR2.
For DBPSK, the decoding is simple differential decoding.
The data scrambler and de-scrambler are self synchronizing
circuits. They consist of a 7-bit shift register with feedback of
some of the taps of the register. The scrambler is designed
to insure smearing of the discrete spectrum lines produced
by the PN code.
One thing to keep in mind is that both the differential decoding
and the descrambling cause error extension. This causes the
errors to occur in groups of 4 and 6. This is due to two
properties of the processing. First, the differential decoding
process causes errors to occur in pairs. When a symbol error
is made, it is usually a single bit error even in QPSK mode.
When a symbol is in error, the next symbol will also be
decoded wrong since the data is encoded in the change from
one symbol to the next. Thus, two errors are made on two
successive symbols. In QPSK mode, these may be next to
one another or separated by up to 2 bits. Secondly, when the
bits are processed by the descrambler, these errors are
further extended. The descrambler is a 7-bit shift register with
one or more taps exclusive or’ed with the bit stream. If for
example the scrambler polynomial uses 2 taps that are
summed with the data, then each error is extended by a factor
of three. DQPSK errors can be spaced the same as the tap
spacing, so they can be canceled in the descrambler. In this
case, two wrongs do make a right, so the observed errors can
be in groups of 4 instead of 6. If a single error is made the
whole packet is discarded, so the error extension property has
no effect on the packet error rate.
T0 + 1 SYMBOL
CORRELATOR
CORRELATION
PEAK
T0 + 2 SYMBOLS
T0
CORRELATOR OUTPUT IS
THE RESULT OF CORRELATING
THE PN SEQUENCE WITH THE
RECEIVED SIGNAL
SAMPLES
AT 2X CHIP
RATE
EARLY
ON-TIME
LATE
OUTPUT
REPEATS
CORRELATION TIME
FIGURE 13. CORRELATION PROCESS
TABLE 10. DQPSK DATA DECODER
PHASE SHIFT
DIBIT PATTERN (D0, D1)
D0 IS FIRST IN TIME
000
+90
01
+180
11
-90
10
HFA3860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com