Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-P03BFMA-LL7-1-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-P03BFMA-LL7-1-R
Description  Waterproof Power Connector Locking
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-P03BFMA-LL7-1-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-P03BFMA-LL7-1-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
12.02.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
A-P03BFMA-LL7-1-R
Waterproof Power Connector Locking
Assembly, 3 Pin Male, 20 Amps
Complaint
RoHS
rev00
Material:
• Waterproof Rate: IP67
• Housing: Nylon+GF, Black
• Female Pin: Copper Alloy, Gold Plated
• O-Ring: Silicon, Gray
• Lock Nut: Nylon+GF, Black
• Gasket: Silicon, Gray
• Clamp Ring: PPO, Black
• Sealing Nut: Nylon+GF, Black
• Seal B1 for cable: OD: Ø7.6MM~9.6MM
• Seal B2 for cable: OD: Ø4.0MM~7.6MM
• One set unassemabled in one PE bag
Unit: MM±0.25MM
Sealing Nut
Seal B2
Seal B1
Clamp Ring
Gasket
Lock Nut
Connector
O-Ring
Pin(20A Short)
Pin(20A Long)
Connector
Pin Assignments
Front View


Similar Part No. - A-P03BFMA-LL7-1-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-P03BFFA-LL7-1-R ASSMANN-A-P03BFFA-LL7-1-R Datasheet
66Kb / 1P
Waterproof Power Connector Locking
More results

Similar Description - A-P03BFMA-LL7-1-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-P03BFFA-LL7-1-R ASSMANN-A-P03BFFA-LL7-1-R Datasheet
66Kb / 1P
Waterproof Power Connector Locking
A-P04PMMS-SC-WP ASSMANN-A-P04PMMS-SC-WP Datasheet
53Kb / 1P
Waterproof Power Connector
A-P07BFFA-S180-WP ASSMANN-A-P07BFFA-S180-WP Datasheet
66Kb / 1P
Waterproof Power Connector
logo
Qualtek Electronics Cor...
512002-01 QUALTEK-512002-01 Datasheet
272Kb / 1P
LOCKING POWER CORD
03-28-23
512003-01 QUALTEK-512003-01 Datasheet
272Kb / 1P
LOCKING POWER CORD
03-28-23
512004-01 QUALTEK-512004-01 Datasheet
272Kb / 1P
LOCKING POWER CORD
03-28-23
512006-01 QUALTEK-512006-01 Datasheet
274Kb / 1P
LOCKING POWER CORD
03-28-23
512007-01 QUALTEK-512007-01 Datasheet
274Kb / 1P
LOCKING POWER CORD
03-28-23
512009-01 QUALTEK-512009-01 Datasheet
274Kb / 1P
LOCKING POWER CORD
03-28-23
512010-01 QUALTEK-512010-01 Datasheet
274Kb / 1P
LOCKING POWER CORD
03-28-23
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com