Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-P03RMMS-LC7-2-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-P03RMMS-LC7-2-R
Description  Waterproof Power Connector Panel Lock,
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-P03RMMS-LC7-2-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-P03RMMS-LC7-2-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
12.01.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
Complaint
RoHS
rev00
Waterproof Power Connector Panel Lock,
3 Pin Male, 20 Amps
A-P03RMMS-LC7-2-R
Material:
• Waterproof Rate: IP67
• Connector: Nylon+GF, Black
• Male Pin: Copper Alloy, Gold Plated
• Nut: Nylon+GF, Black
• Gasket: Silicon, Gray
• Maximum Panel Thickness: 4.5MM
• UL94V-0 Materials Used
• For UL2238 Certificated E318730
Unit: MM±0.25MM
With Liquid Glue
Connector
Gasket
Nut
Long Male Pin
Pin Assignments
Front View
Recommended
panel cut-out


Similar Part No. - A-P03RMMS-LC7-2-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-P03RMFS-LC7-2-R ASSMANN-A-P03RMFS-LC7-2-R Datasheet
61Kb / 1P
Waterproof Power Connector Panel Lock,
More results

Similar Description - A-P03RMMS-LC7-2-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-P04PFFS-SC-WP-R ASSMANN-A-P04PFFS-SC-WP-R Datasheet
274Kb / 1P
WATERPROOF POWER CONNECTOR 4 PIN(12A), FEMALE, PANEL MOUNT
A-P04PMMS-SC-WP-R ASSMANN-A-P04PMMS-SC-WP-R Datasheet
265Kb / 1P
WATERPROOF POWER CONNECTOR 4 PIN (12A), MALE, PANEL MOUNT
A-P07PFFS-SC-WP-R ASSMANN-A-P07PFFS-SC-WP-R Datasheet
277Kb / 1P
WATERPROOF POWER CONNECTOR 7 PIN (8A), FEMALE, PANEL MOUNT
A-P07PMMS-SC-WP-R ASSMANN-A-P07PMMS-SC-WP-R Datasheet
274Kb / 1P
WATERPROOF POWER CONNECTOR 7 PIN (8A), MALE, PANEL MOUNT
A-P03RMFS-LC7-2-R ASSMANN-A-P03RMFS-LC7-2-R Datasheet
61Kb / 1P
Waterproof Power Connector Panel Lock,
logo
Hirose Electric
ITS-P-09007R HIROSE-ITS-P-09007R Datasheet
100Kb / 1P
Waterproof Bayonet Lock Connector for Power Supply
logo
PowerDynamics, Inc
PD-SP2112-SX1X POWERDYNAMICS-PD-SP2112-SX1X Datasheet
218Kb / 1P
WATERPROOF FEMALE PANEL CONNECTOR
PD-SP2113-PX3X POWERDYNAMICS-PD-SP2113-PX3X Datasheet
356Kb / 2P
WATERPROOF MALE FLANGED PANEL MOUNT CONNECTOR
PD-SY1712-SX1X POWERDYNAMICS-PD-SY1712-SX1X Datasheet
216Kb / 1P
WATERPROOF FEMALE PANEL CONNECTOR
logo
TE Connectivity Ltd
114-143067 TEC-114-143067 Datasheet
561Kb / 9P
Waterproof Signal Double Lock Connector System
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com